Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1621 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1621
Description  1MHz Asynchronous Boost Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1621 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1621 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
引脚分布图
图 1
封装引脚图
典型应用
2
应用图
1
3
应用图
注:
OVP 悬空,无过压保护功能;OVP 直接连接输出电容,对应 25V 过压保护点;OVP 和
输出电容串联
300k 电阻,对应 40V 过压保护点。
HM1621



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com