Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2553 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2553
Description  Printer and office automation equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2553 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2553 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
电特性
at Ta = 25°C, VM= 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
POWER SUPPLY
IVM
VM 静态工作电流
fPWM < 50 kHz
4
10
mA
IVMQ
VM 休眠电流
IN1=IN2=L
10
20
uA
VUVLO
VM 欠压锁定值
VM rising
5.3
5.6
V
VHYS
VM 欠压迟滞
300
mV
tON
开启时间
VM> VUVLO, and IN1 or IN2 high
LOGIC-LEVEL INPUTS
VIL
逻辑输入低电压
0.5
0.7
V
VIH
逻辑输入高电压
1.5
5.25
V
VHYS
逻辑输入迟滞
0.25
V
IIL
逻辑输入电流
_低电平
VIN = 0
-20
20
uA
IIH
逻辑输入电流
_高电平
VIN = 3.3 V
100
uA
Rpd
输入内部下拉电阻
Other
100
tDEG
输入防抖动延迟
450
ns
tSLEEP
进入
SLEEP 状态延迟
1
1.5
ms
H-BRIDGE FETS
RDS(ON)
高侧
FET 导通电阻
I O = 1A,TJ = 25°C
300
低侧
FET 导通电阻
I O = 1A,TJ = 25°C
250
IOFF
输出关断漏电流
-1
1
uA
MOTOR DRIVER
toFF
电流衰减时间
Internal PWM OFF-TIME
25
us
tR
上升时间
VM =24V, 22Ω to GND, 10% to 90%
120
ns
tF
下降时间
VM =24V, 22Ω to GND, 10% to 90%
90
ns
tDEAD
死区时间
300
ns
AISEN
ISEN 电流增益
10
V/V
tBLANK
消隐时间
2
us
PROTECTION CIRCUITS
IOCP
过流峰值
3.5
4.5
5.5
A
HM2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com