Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2553 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2553
Description  Printer and office automation equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2553 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2553 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
典型应用原理图
描述
是一款刷式直流电机驱动器,适用于打印机、电器、
工业设备以及其他小型机器。两个逻辑输入控制
H桥驱动器,该
驱动器由四个
N-MOS组成,能够以高达2.5A的峰值电流双向控
制电机。利用电流衰减模式,可通过对输入进行脉宽调制
(PWM)
来控制电机转速。如果将两个输入均置为低电平,则电机驱动器
将进入低功耗休眠模式。
集成电流限制功能,该功能基于模拟输入
VREF 以及
ISEN 引脚的电压。该器件能够将电流限制在某一已知水平,这
可显著降低系统功耗要求,并且无需大容量电容来维持稳定电
压,尤其是在电机启动和停转时。
内部关断功能包含过流保护,短路保护,欠压锁定和过温保护。
提供一种带有裸露焊盘的
SOP-8封装,能有效改善散热
性能,且是无铅产品,引脚框采用
100%无锡电镀。
应用
打印机及办公自动化设备
电器
机器人
工业设备
型号选择
产品型号
封装
包装
SOP8-PP
料管,
100颗/管;卷带,4k/盘
特点
●单通道H桥电流控制电机驱动器
●宽电压供电,6.5V-32V
●低RDS(ON)电阻
●2.5A峰值驱动输出,1.8A持续输出能力
●PWM电流整流/限流
●支持低功耗休眠模式
●过温关断电路
●短路保护
●欠压锁定保护
●自动故障恢复
封装形式
SOP8 with PAD
HM2553


Similar Part No. - HM2553

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2550 HMSEMI-HM2550 Datasheet
1Mb / 12P
Single channel H-bridge current control motor driver
More results

Similar Description - HM2553

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
Power Brushless Motor Driver IC for Office Automation Equipment
STK7563GII SANYO-STK7563GII Datasheet
207Kb / 3P
2 OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQUIPMENT
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
Three-Phase Brushless Motor Driver for Office Automation Equipment
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
household appliances, office equipment, audio equipment, consumer equipment
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
logo
Allegro MicroSystems
A3998 ALLEGRO-A3998 Datasheet
341Kb / 20P
Designed to provide the motor driver and power supply requirements for printers and office automation equipment.
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com