Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2553 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2553
Description  Printer and office automation equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2553 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2553 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
电路工作极限
at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
功率电源
VM
-0.3 – 36
V
输出峰值电流
IPEAK
±2.5
A
逻辑输入电压
VIN
-0.7 to 7
V
Sense 电压
VSENSE
-0.3 to 0.5
V
工作温度
TA
Range S
-40 to 85
°C
最大结温
TJ(max)
150
°C
储藏温度
Tstg
-55 to 150
°C
推荐工作条件
at Ta = 25°C
Min
NOM
Max Unit
功率电源
VM
6.5
-
32
V
连续输出电流
IOUT
0
1.8
A
峰值输出电流
IPEAK
0
2.5
A
逻辑输入电压
VIN
0
-
5.75
V
逻辑输入频率
fPWM
0
100 kHZ
参考电压
VREF
0.5
5 V
(1) 芯片大电流工作时,做好芯片散热。
HM2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com