Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2553 Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2553
Description  Printer and office automation equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2553 Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2553 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2553 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
符号
毫米
(mm)
最小
典型
最大
A
——
——
1.65
A1
0.05
——
0.15
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
——
0.47
D
4.80
4.90
5.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.27(BSC)
h
0.25
——
0.50
L
0.50
0.60
0.80
L1
1.05(REF)
θ
0
——
8°
L/F 尺寸
D1
E2
e1
95*130
3.10REF
2.21REF
0.10REF
HM2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com