Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-817B13AUA-CWC-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 15Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 16Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 17Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 18Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 19Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 20Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-817 Series
Seiko Instruments Inc.
17
The S-817 Series can be configured as a constant current circuit. Refer to Figure 15 and 16.
Constant amperage (IO) is calculated using the following equation (VOUT(E): Effective output voltage):
IO
= (VOUT(E) ÷ RL) +ISS.
Please note that it is impossible to set constant amperage IO in case of circuit (1) of Figure 15 to the
value exceeding the drive ability of the S-817.
However, circuit (2) of Figure 16 is an example to set constant amperage to the value exceeding the
drive ability of the S-817. Circuit (2) incorporates a current boosting circuit. The maximum input voltage
of the constant current circuit is the value obtained by adding 10 V to voltage of the device (VO). It is not
recommended to attach a capacitor between the S-817 power source VIN and VSS pin or between
output VOUT and VSS pin because rush current flows at powering on. An example of input voltage
between VIN and VO in circuit (2) vs. IO current characteristics
VIN, VO pins, Input voltage - IO current
S-817A11ANB, S-817B11AMC, Tr : 2SK1213Y, R1 : 1 k
Ω, VO=2 V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
1.4
1.6
1.8
2
2.2
2.4
VIN
−VO(V)
RL
=1.83 Ω
2.2
Ω
2.75
Ω
3.67
Ω
5.5
Ω
11
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com