Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-817B13AUA-CWC-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 15Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
12
Explanation of Terms
1. Low ESR
ESR is the abbreviation for Equivalent Series Resistance.
Low ESR output capacitors (CL) can be used in the S-817 Series.
2. Output voltage (VOUT)
The accuracy of the output voltage is
±2.0% guaranteed under the specified conditions for input voltage,
which differs depending upon the product items, output current, and temperature.
Caution If the above conditions change, the output voltage value may vary and go out of the
accuracy range of the output voltage. See the electrical characteristics and
characteristics data for details.
3. Line regulations 1 and 2 (
∆VOUT1, ∆VOUT2)
Indicate the input voltage dependencies of output voltage. That is, the values show how much the output
voltage changes due to a change in the input voltage with the output current remained unchanged.
4. Load regulation (
∆VOUT3)
Indicates the output current dependencies of output voltage. That is, the values show how much the
output voltage changes due to a change in the output current with the input voltage remained unchanged.
5. Dropout voltage (Vdrop)
Indicates a difference between input voltage (VIN1) and output voltage when output voltage falls by 98% of
VOUT(E) by gradually decreasing the input voltage (VIN).
Vdrop
= VIN1−[VOUT(E) × 0.98]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com