Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S-817B13AUA-CWC-T2 Datasheet HTML 25Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 26Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 27Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 28Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 29Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 30Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 31Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 32Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-817 Series
Seiko Instruments Inc.
29
1. 4 Load fluctuation S-817A30A/S-817B30A (when using a ceramic capacitor, CL
=1 µF)
IOUT
=30 mA→10 µA,V IN=5 V, CL=1 µF
TIME(20 ms/div)
VOUT
(0.2 V/div)
10
µA
3 V
30 mA
Load current dependencies of overshoot at load
fluctuation
CL dependencies of overshoot at load fluctuation
0
0.5
1
1.5
2
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
IOUT(A)
2V
3V
5V
VIN
=VOUT(S)+2 V, IOUT=IL→ 10 µA, CL=1 µF
0
0.2
0.4
0.6
0.8
1
0.01
0.1
1
10
CL(
µF)
2V
3V
5V
VIN
=VOUT(S)+2 V, IOUT=10 mA→10 µA
VDD dependencies of overshoot at load fluctuation
“Ta” dependencies of overshoot at load fluctuation
0
0.05
0.1
0.15
0.2
0
2
4
6
8
10
VDD(V)
2V
3V
5V
VIN
=VDD, IOUT=10 mA,→10 µA, CL=1 µF
0
0.05
0.1
0.15
0.2
-50
0
50
100
Ta(°C)
2V
3V
5V
VIN
=VOUT(S)+2 V, IOUT=10 mA→10 µA, CL=1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com