Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S-817B13AUA-CWC-T2 Datasheet HTML 21Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 22Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 23Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 24Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 25Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 26Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 27Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 28Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-817 Series
Seiko Instruments Inc.
25
Reference Data
1. Transient Response Characteristics (Typical data: Ta
=25 °C)
Ov e rs h o o t
In p u t v o lta g e
O u tp u t v o lta g e
or
Lo ad c urrent
U n dersh oot
1. 1 At powering on S-817A30A (when using a ceramic capacitor, CL
=1 µF)
TIME(100
µs/div)
VOUT
(0.5 V/div)
10 V
0 V
3 V
VIN
=0 V→10 V, IOUT=10 mA, CL=1 µF
Load dependencies of overshoot at powering on
CL dependencies of overshoot at powering on
0
0.01
0.02
0.03
0.04
0.05
1.E-07 1.E-06 1.E-05 1.E-04 1.E-03 1.E-02 1.E-01
IOUT(A)
2V
3V
5V
VOUT=0 V
→VOUT(S)+2 V, CL=1 µF
0
0.01
0.02
0.03
0.04
0.05
0.01
0.1
1
10
CL(
µF)
2V
3V
5V
VIN
=0 V→VOUT(S)+2 V, IOUT=10 mA
VDD dependencies of overshoot at powering on
“Ta” dependencies of overshoot at powering on
0
0.01
0.02
0.03
0.04
0.05
0
2
4
6
8
10
VDD(V)
2V
3V
5V
VIN
=0 V→VDD, IOUT=10 mA, CL=1 µF
0
0.01
0.02
0.03
0.04
0.05
-50
0
50
100
Ta(°C)
2V
3V
5V
VIN
=0 V→VOUT(S)+2 V, IOUT=10 mA, CL=1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com