Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-817B13AUA-CWC-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
4
1. 2 S-817B series
1. 2. 1 SOT-23-5 and SOT-89-3 package
S-817 B xx A xx - xxx T2
IC direction in tape specifications
*1
Product name (abbreviation)
Package name (abbreviation)
*2
MC : SOT-23-5
UA : SOT-89-3
Output voltage
11 to 60
(e.g. When the output voltage is
1.5 V, it is expressed 15)
Short circuit protection
B :
No
*1. Refer to the specifications at the end of this book.
*2. Refer to the “2. Product name list”.
1. 2. 2 TO-92 package
S-817 B xx A Y - x
Packing form
B :
Bulk
T :
Tape and reel
Z :
Tape and ammo
Package name (abbreviation)
*1
Y :
TO-92
Output voltage
11 to 60
(e.g. When the output voltage is
1.5 V, it is expressed 15)
Short circuit protection
B :
No
*1. Refer to the “2. Product name list”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com