Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-817B13AUA-CWC-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 15Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 16Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 17Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 18Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 19Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 20Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 21Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
18
3. Output Voltage Adjustment Circuit (Only for S817B Series (Product without short circuit protection))
GND
V0
R2
R1
VOUT
VIN
VIN
CL
C1
CIN
VSS
S-817
Series
Figure 17
The output voltage can be boosted by using the configuration shown in Figure 17. The output Voltage
(VO) can be calculated using the following equation (VOUT(E):Effective output voltage):
VO
= VOUT(E) × (R1 + R2) ÷ R1 + R2 × ISS
Set R1 and R2 to high values of resistance so as not to be affected by current consumption (ISS).
Capacitor C1 is effective in minimizing output fluctuation at powering on or due to power or load
fluctuation. Determine the optimum value on your actual device. But it is not also recommended to
attach a capacitor between the S-817 Series power source VIN and VSS pin or between output VOUT
and VSS pin because output fluctuation or oscillation at powering on might occur. As shown in Figure
17, a capacitor must be mounted between VIN and GND, and between VOUT and GND.
Precautions
• Wiring patterns for the VIN, VOUT and GND pins should be designed so that the impedance is low.
When mounting an output capacitor between the VOUT and VSS pins (CL) and a capacitor for stabilizing
the input between VIN and VSS pins (CIN), the distance from the capacitors to these pins should be as
short as possible.
• Note that the output voltage may increase when a series regulator is used at low load current (1.0 µA or
less).
• Generally a series regulator may cause oscillation, depending on the selection of external parts. The
following conditions are recommended for this IC. However, be sure to perform sufficient evaluation
under the actual usage conditions for selection, including evaluation of temperature characteristics.
Output capacitor (CL) :
0.1
µF or more
Equivalent Series Resistance (ESR) :
30
Ω or less
Input series resistance (RIN) :
10
Ω or less
• The voltage regulator may oscillate when the impedance of the power supply is high and the input
capacitor is small or an input capacitor is not connected.
• The application conditions for the input voltage, output voltage, and load current should not exceed the
package power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by
products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com