Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AUA-CWC-T2 Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S-817B13AUA-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AUA-CWC-T2 Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-817B13AUA-CWC-T2 Datasheet HTML 16Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 17Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 18Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 19Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 20Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 21Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 22Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 23Page - Seiko Instruments Inc S-817B13AUA-CWC-T2 Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
20
2. Output Voltage vs. Input Voltage
S-817A11A/S-817B11A (Ta=25°C)
0.0
0.5
1.0
1.5
0
2
4
6
8
10
VIN (V)
I
OUT
1mA
10mA
20mA
=1
µA
VOUT
(V)
S-817A20A/S-817B20A (Ta=25°C)
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
VIN (V)
I
OUT =1µA
1mA
10mA
20mA
50mA
VOUT
(V)
S-817A30A/S-817B30A (Ta=25°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VIN (V)
IOUT=1µA
1mA
20mA
50mA
10mA
VOUT
(V)
S-817A50A/S-817B50A (Ta=25°C)
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
VIN (V)
I
OUT =1µA
1mA
10mA
20mA
50mA
VOUT
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com