Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES166 Datasheet HTML 1Page - Cyrustek corporation ES166 Datasheet HTML 2Page - Cyrustek corporation ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Ver 1.5
17/03/29
3
ES166
LCR/DMM analog front
Test signal amplitude (LC mode)
RDUT=100kΩ
VR_LC = -600mV
—
0.6
—
VRMS
Reference voltage temperature
coefficient
TCRF
100KΩ
resister
Between
VRH
-20℃<TA<70℃
—
75
150
ppm/℃
Note:
1. Full Scale :6000 counts (Max. 6784+2 counts)
2. For best integral linearity of ADC, the metalized polypropylene film capacitor for CINT is necessary.
AC electrical characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
SCLK clock frequency
fSCLK
-
-
100
kHz
SCLK clock time “L”
tLOW
4.7
-
-
us
SLCK clock time “H”
tHIGH
4.0
-
-
SDATA output delay time
tAA
0.1
-
3.5
SDATA output hold time
tDH
100
-
-
ns
Start condition setup time
tSU.STA
4.7
-
-
us
Start condition hold time
tHD.STA
4.0
-
-
Data input setup time
tSU.DAT
200
-
-
ns
Data input hold time
tHD.DAT
0
-
-
Stop condition setup time
tSU.STO
4.7
-
-
us
SCLK/SDATA rising time
tR
-
-
1.0
SCLK/SDATA falling time
tF
-
-
0.3
Bus release time
tBUF
4.7
-
-
MCU I/O timing diagram
SCLK
SDATA IN
SDATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com