Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 21 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 21 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation ES166 Datasheet HTML 19Page - Cyrustek corporation ES166 Datasheet HTML 20Page - Cyrustek corporation ES166 Datasheet HTML 21Page - Cyrustek corporation ES166 Datasheet HTML 22Page - Cyrustek corporation ES166 Datasheet HTML 23Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Ver 1.5
17/03/29
21
ES166
LCR/DMM analog front
2.10 LC Scale Range
LC impedance mode
Function mode
Frequency
Meas. Range
Min. resolution
Inductance
Ls/Lp
100/120Hz
60.00mH~100.0H
0.01mH
1kHz
6000uH~60.00H
1uH
10kHz
600.0uH~6.000H
0.1uH
Capacitance
Cs/Cp
100/120Hz
60.00nF~2.00mF
1
0.01nF
1kHz
6.000nF~600uF
1
1pF
10kHz
600.0pF~60.0uF
1
0.1pF
RS
2/R
P
3
100/120Hz
60.00
Ω~20.00MΩ
0.01
Ω
1kHz
60.00
Ω~20.00MΩ
0.01
Ω
10kHz
60.00
Ω~20.00MΩ
0.01
Ω
Note:
1The max. range supports 0.01mF resolution & 1uF resolution & 0.1uF resolution, respectively. For
better stable display, 0.1mF @ 100/120Hz is recommended. The 0.1pF resolution for Cp mode
should be measured by test probe with good shielding.
2R
S means equivalent series resistance for LC impedance measurement in series mode.
3R
P means equivalent parallel resistance for LC impedance measurement in parallel mode.
For auto frequency mode, the best scale range is shown as the following table:
LC impedance mode
Function mode
Auto frequency
Meas. Range
Min. resolution
Inductance
Ls/Lp
100Hz
15.90H~100.0H
0.01H
1kHz
1590uH~15.90H
1uH
10kHz
0.0uH~1590uH
0.1uH
Capacitance
Cs/Cp
100Hz
15.90uF~2.0mF
0.01uF
1kHz
0.000nF~15.90uF
1pF
In auto frequency mode, the measurement mode in series/parallel is also recommended
to be automatic. Usually impedance ZDUT > 10kΩ is in parallel and impedance ZDUT <
10k
Ω is in series defaulted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com