Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation ES166 Datasheet HTML 12Page - Cyrustek corporation ES166 Datasheet HTML 13Page - Cyrustek corporation ES166 Datasheet HTML 14Page - Cyrustek corporation ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Ver 1.5
17/03/29
13
ES166
LCR/DMM analog front
2.
Operating Modes
2.1 Voltage Measurement
MCU send write command to select the voltage measurement function. The Hz mode
measurement is available to be enabled with the ACV function (set AC bit to 1)
simultaneously. The measured signal is applied to VR1 terminal (pin75) through 10M
Ω.
See the next table of function command:
F3
F2
F1
F0
AC
Measurement mode
Read data bytes
0
0
0
0
0
DCV mode
D0(12-00)
0
0
0
0
1
ACV+Hz mode
D0(12-00), D1(19-00), D2(19-00)
Note1: D0/D1/D2 all are binary format. SIGN are the sign bit of D0.
Range control for voltage mode (ACV/DCV)
Q2
Q1
Q0
Full Scale Range
Divider Ratio
Resister Connection
0
0
0
6.000V
1/10
VR2 (1.111M
Ω)
0
0
1
60.00V
1/100
VR3 (101k
Ω)
0
1
0
600.0V
1/1000
VR4 (10.01k
Ω)
0
1
1
1000V
1/10000
VR5 (1k
Ω)
1
0
0
600.0mV
1
VR1 (10M
Ω)
Note: For consideration of frequency bandwidth and noise immunity, use ADP1 mode implement mV
range is better.
Frequency range control for ACV+Hz mode
FQ2 FQ1 FQ0
Full Scale Range
0
0
0
N/A
0
0
1
600.0Hz
0
1
0
6.000kHz
0
1
1
60.00kHz
Note: See frequency mode (section 2.6) also. If AC value is less than 1% full scale, the Hz count
should be set to zero by MCU directly.
ALARM bit at voltage mode is used for high crest factor (HCF) signal detection. If
MCU check the ALARM status flag active when data and range are stable, it should
consider the making the existing range up to avoid the signal clamping saturation
caused by HCF signal. There is higher peak voltage with lower RMS value for HCF
signal. So if the range is up according to the ALARM bit, MCU should set the lower
under-limit counts temporarily to avoid the ranging unstable for this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com