Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation ES166 Datasheet HTML 12Page - Cyrustek corporation ES166 Datasheet HTML 13Page - Cyrustek corporation ES166 Datasheet HTML 14Page - Cyrustek corporation ES166 Datasheet HTML 15Page - Cyrustek corporation ES166 Datasheet HTML 16Page - Cyrustek corporation ES166 Datasheet HTML 17Page - Cyrustek corporation ES166 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Ver 1.5
17/03/29
14
ES166
LCR/DMM analog front
2.2 Current measurement
MCU send write command to select the current measurement function. The Hz mode
measurement is available to be enabled with the ACA function (set AC bit to 1)
simultaneously. The measured signal is applied to IVS terminal (pin4).
See the next table of function command:
F3
F2
F1
F0
AC
Measurement mode
Read data bytes
0
0
0
1
0
DCA mode
D0(12-00)
0
0
0
1
1
ACA+Hz mode
D0(12-00),D1(19-00),D2(19-00)
Note1: D0/D1/D2 all are binary format. SIGN are the sign bit of D0.
Range control for current mode (ACA/DCA)
Q2
Q1
Q0
IOP1
2
Full Scale Range
Input terminal
0
0
0
1
30.00mV 6000counts
IVS
1
0
0
0
0
300.0mV 6000counts
IVS
1
1Note: The maximum burden voltage for current mode will be 300mV.
2Note: When IOP1=1, the DC zero offset and AC gain should be calibrated by MCU in production.
FQ2 FQ1 FQ0
Full Scale Range
0
0
0
N/A
0
0
1
600.0Hz
0
1
0
6.000kHz
0
1
1
60.00kHz
Note: See frequency mode (section 2.6) also. If AC value is less than 1% full scale, the Hz count
should be set to zero by MCU directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com