Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation ES166 Datasheet HTML 10Page - Cyrustek corporation ES166 Datasheet HTML 11Page - Cyrustek corporation ES166 Datasheet HTML 12Page - Cyrustek corporation ES166 Datasheet HTML 13Page - Cyrustek corporation ES166 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Ver 1.5
17/03/29
10
ES166
LCR/DMM analog front
1.4 Power & I/O level selection
The ES166 provide a flexible I/O level setting for different MCU system configuration.
The uPVCC (pin19) should be connected to the same potential of external Vcc of MCU.
The uPVCC is allowed to be set between DGND ~ V+. The IOCTRL (pin14) selects the
Vss level of MCU. If IOCTRL is set to DGND, the Vss level of MCU is the same as
DGND. If IOCTRL is set to V-, the Vss level of MCU is the same as V-.
ES166
GND
I/O_CTRL
uP_VCC
V+
V-
C+
C-
-3V
+3V
SCLK
SDATA
DATA_new
BUZOUT
CS
-3V
+3V
Type I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com