Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 2 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 2 Page - Cyrustek corporation

  ES166 Datasheet HTML 1Page - Cyrustek corporation ES166 Datasheet HTML 2Page - Cyrustek corporation ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Ver 1.5
17/03/29
2
ES166
LCR/DMM analog front
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
≥ (AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
≥ (V- -0.5V)
Digital Input (IO_CTRL=V-)
V- -0.6 to uPVCC+0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
-20℃ to 70℃
Storage Temperature
-55℃ to 125℃
Electrical Characteristics
TA=23 + 5℃
Power supply
V-
Test condition
-2.2
-3.0
-3.4
V
Operating supply current
IDD
DCV mode
—
1.4
—
mA
IDD
LC mode
—
3.6
—
mA
ISS
In sleep mode
—
1
3
µA
Voltage roll-over error
10MΩ input resistor
—
—
±0.1
%F.S
1
ADC nonlinearity
2
Best case straight
line
—
—
±0.1
%F.S
1
ADC full scale range
VR_VA = -400mV
—
600
—
mV
Input Leakage for VR1 input
-10
1
10
pA
Zero input reading
10MΩ input resistor -000
000
+000
Count
Band-gap reference voltage
VRH
100KΩ resistor
between VRH and
AGND
-1.30
-1.22
-1.14
V
Source voltage for diode mode
—
V+
—
V
Open circuit voltage for 60
0Ω range
measurement
—
V-
—
V
Open circuit voltage for other
Ω
measurement
—
-0.9
—
V
Internal pull-high to 0V
current
Between V- pin and
CS
—
1.2
—
µA
AC frequency response at 6.000V
range
±1%
—
40-400
—
HZ
±5%
—
400-2000
—
STBEEP comparator in Cont./Diode
mode
OVX to SGND
—
+7
—
mV
Frequency input sensitivity (FREQ)
Fin
Square wave with
Duty cycle 40-60%
500
—
—
mVp
Frequency input sensitivity (FREQ)
Fin
Sine wave
400
—
—
mVrms
Low battery flag indication
Connect LBAT to
AGND
-2.2
-2.3
-2.4
V
Best basic accuracy for LC mode
Ae
100-10k
Ω range
—
—
±0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com