Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES166 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES166
Description  LCR/DMM analog front
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES166 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES166 Datasheet HTML 1Page - Cyrustek corporation ES166 Datasheet HTML 2Page - Cyrustek corporation ES166 Datasheet HTML 3Page - Cyrustek corporation ES166 Datasheet HTML 4Page - Cyrustek corporation ES166 Datasheet HTML 5Page - Cyrustek corporation ES166 Datasheet HTML 6Page - Cyrustek corporation ES166 Datasheet HTML 7Page - Cyrustek corporation ES166 Datasheet HTML 8Page - Cyrustek corporation ES166 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Ver 1.6
17/03/29
1
ES166
LCR/DMM analog front
Features
• Built-in 6000 counts dual slope ADC
• LQFP-80L package
• 3V DC power supply
• Support digital multi-meter function
*Voltage measurement (AC/DC) (600mV-1000V)
*Current measurement (AC/DC) (2-range auto)
*Dual mode for frequency with voltage or current
*DC Resistance measurement (600.0
Ω – 60.00MΩ)
*Diode or continuity mode measurement
*Logic frequency counter with duty cycle display:
600.0Hz – 20.00MHz
5% – 95%
• ADP mode (AC or DC mode is available)
• Support LC bridge function in series/parallel
(Taiwan patent no.: 456205, 201430354)
• Calculable D/Q/ESR/θ for LC bridge mode
• Four different test frequency are available:
100/120/1k/10k Hz for LC bridge measurement
• Test signal level: 0.6V
RMS typ.
• 5 ranges used for LC bridge mode
• Test range: (Auto frequency configuration)
L: 600.0
µH ~ 100.0 H (L
S/LP)
C: 6.000 nF ~2.00 mF (CS/CP)
• Low battery voltage detector
• Support buzzer sound driver control & frequency
selectable
• Band-gap reference voltage output
• 3-wire serial bus for MCU I/O port
• MCU I/O power level selectable by external pins
Application
Handheld DMM with LC bridge meter
(US patent no.: 9176187)
(Taiwan patent no.: 458990)
Description
The ES166 is the analog frond end chip
suitable
for
DMM
with
LC
bridge
measurement function. ES166 provides basic
voltage & current (AC/DC) measurement,
resistance measurement, diode check, fast
continuity
measurement,
frequency
measurement, and duty cycle measurement. By
using ES166 to implement the LC bridge
function, the complicated PCB design is not
necessary. The ES166 is built-in resistor
switches network to provide different ranges
control. It also provides a high performance
integrated circuit to generate sinusoidal signal
with
different
frequency to
measure
the
complex impedance of DUT device. The
ES166 includes a flexible serial interface to
external MCU. The MCU could get the real
part and imaginary part of complex impedance
from
ES166
directly
and
calculates
the
D/Q/ESR/
θ parameter easily with L or C
values. The MCU could get the DMM data
from ES166 by each DMM measurement
function mode also.


Similar Part No. - ES166

ManufacturerPart #DatasheetDescription
logo
Power-One
ES1601-7R POWER-ONE-ES1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
List of Unclassifed Man...
ES1611 ETC2-ES1611 Datasheet
84Kb / 4P
Electro-Wash짰 NX New & Improved! Cleaner Degreaser
ES16201 ETC1-ES16201 Datasheet
133Kb / 11P
EMERGING DISPLAY
ES16201GP ETC1-ES16201GP Datasheet
133Kb / 11P
EMERGING DISPLAY
ES16201UP ETC1-ES16201UP Datasheet
133Kb / 11P
EMERGING DISPLAY
More results

Similar Description - ES166

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
DMM Analog front end with Inrush
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
DMM Analog front end
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
DMM Analog front end with PEAK
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
DMM Analog front end/Insulation
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
DMM Analog front end
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
5,000/50,000 Counts DMM Analog Front End
logo
Cyrustek corporation
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
DMM Analog front end/Inrush
ES51930 CYRUSTEK-ES51930 Datasheet
310Kb / 5P
10kHz LCR analog front
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com