Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 20Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 21Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 22Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 23Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 24Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 25Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 26Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 27Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
24
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
refresh requests in priority of activity requests received
by the processor.
For more information, see the HLDA pin description on
page 23.
INT0
Maskable Interrupt Request 0 (input,
asynchronous)
This pin indicates to the microcontroller that an
interrupt request has occurred. If the INT0 pin is not
masked, the microcontroller transfers program
execution to the location specified by the INT0 vector in
the microcontroller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee
interrupt recognition, the requesting device must
co ntin ue as se r t i ng INT0 u n ti l the r e q ues t is
acknowledged.
INT1/SELECT
Maskable Interrupt Request 1 (input,
asynchronous)
Slave Select (input, asynchronous)
INT1—This pin indicates to the microcontroller that an
interrupt request has occurred. If INT1 is not masked,
the microcontroller transfers program execution to the
lo c a tio n s pec if ied by the INT1 v e c t or i n the
microcontroller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee
interrupt recognition, the requesting device must
co ntin ue as se r t i ng INT1 u n ti l the r e q ues t is
acknowledged.
SELECT—When the microcontroller interrupt control
unit is operating as a slave to an external interrupt
controller, this pin indicates to the microcontroller that
an interrupt type appears on the address and data bus.
The INT0 pin must indicate to the microcontroller that
an interrupt has occurred before the SELECT pin
indicates to the microcontroller that the interrupt type
appears on the bus.
INT2/INTA0/PWD/PIO31
Maskable Interrupt Request 2 (input,
asynchronous)
Interrupt Acknowledge 0 (output, synchronous)
Pulse Width Demodulator (input, Schmitt trigger)
INT2—This pin indicates to the microcontroller that an
interrupt request has occurred. If the INT2 pin is not
masked, the microcontroller transfers program
execution to the location specified by the INT2 vector in
the microcontroller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee
interrupt recognition, the requesting device must
co ntin ue as s e r t ing IN T 2 unti l the r e q ues t is
acknowledged. INT2 becomes INTA0 when INT0 is
configured in cascade mode.
INTA0—When the microcontroller interrupt control unit
is operating in cascade mode, this pin indicates to the
system that the microcontroller needs an interrupt type
to process the interrupt request on INT0. Th e
peripheral issuing the interrupt request must provide
the microcontroller with the corresponding interrupt
type.
PWD—If pulse width demodulation is enabled, PWD
processes a signal through the Schmitt trigger. PWD is
used internally to drive TIMERIN0 and INT2, and PWD
is inverted internally to drive TIMERIN1 and INT4. If
INT2 and INT4 are enabled and timer 0 and timer 1 are
properly configured, the pulse width of the alternating
PWD signal can be calculated by comparing the values
in timer 0 and timer 1.
In PW D mo de, th e s i gn al s TIM ER I N0 /P IO 11 ,
TIMERIN1/PIO0, and INT4/PIO30 can be used as
PIOs. If they are not used as PIOs, they are ignored
internally. The level of INT2/INTA0/PWD/PIO31 is
reflected in the PIO data register for PIO31 as if it was
a PIO.
INT3/INTA1/IRQ
Maskable Interrupt Request 3
(input, asynchronous)
Interrupt Acknowledge 1 (output, synchronous)
Slave Interrupt Request (output, synchronous)
INT3—This pin indicates to the microcontroller that an
interrupt request has occurred. If the INT3 pin is not
masked, the microcontroller then transfers program
execution to the location specified by the INT3 vector in
the microcontroller interrupt vector table.
Interrupt requests are synchronized internally, and can
be edge-triggered or level-triggered. To guarantee
interrupt recognition, the requesting device must
co ntin ue as s e r t ing IN T 3 unti l the r e q ues t is
acknowledged. INT3 becomes INTA1 when INT1 is
configured in cascade mode.
INTA1—When the microcontroller interrupt control unit
is operating in cascade mode, this pin indicates to the
system that the microcontroller needs an interrupt type
to process the interrupt request on INT1. Th e
peripheral issuing the interrupt request must provide
the microcontroller with the corresponding interrupt
type.
IRQ—When the microcontroller interrupt control unit is
operating as a slave to an external master interrupt
controller, this pin lets the microcontroller issue an
interrupt request to the external master interrupt
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com