Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 46Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 47Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 48Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 49Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 50Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 51Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 52Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 53Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
50
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
CAPACITANCE
Note:
Capacitance limits are guaranteed by characterization.
POWER SUPPLY CURRENT
For the following typical system specification shown in
Figure 11, ICC has been measured at 4.0 mA per MHz
of system clock. For the following typical system
specification shown in Figure 12, ICC has been
measured at 5.9 mA per MHz of system clock. The
typical system is measured while the system is
executing code in a typical application with nominal
voltage and maximum case temperature. Actual power
supply current is dependent on system design and may
be greater or less than the typical ICC figure presented
here.
Typical current in Figure 11 is given by:
ICC = 4.0 mA ⋅ freq(MHz)
Typical current in Figure 12 is given by:
ICC = 5.9 mA ⋅ freq(MHz)
Please note that dynamic ICC measurements are de-
pendent upon chip activity, operating frequency, output
buffer logic, and capacitive/resistive loading of the out-
puts. For these ICC measurements, the devices were
set to the following modes:
n No DC loads on the output buffers
n Output capacitive load set to 35 pF
n AD bus set to data only
n PIOs are disabled
n Timer, serial port, refresh, and DMA are enabled
Table 10 shows the variables that are used to calculate
th e typical pow er cons u mption value for the
Am186EDLV microcontroller.
Table 10. Typical Power Consumption Calculation
for the Am186EDLV Microcontroller
Figure 11.
Typical Icc Versus Frequency for
Am186EDLV Microcontroller
Figure 12.
Typical Icc Versus Frequency for Am186ED Microcontroller
Preliminary
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
CIN
Input Capacitance
@ 1 MHz
10
pF
CIO
Output or I/O Capacitance
@ 1 MHz
20
pF
MHz
⋅ I
CC
⋅ Volts / 1000 = P
Typical Power
in Watts
MHz
Typical ICC
Volts
20
4.0
3.6
0.288
25
4.0
3.6
0.360
Clock Frequency (MHz)
ICC (mA)
25 MHz
20 MHz
0
20
40
60
80
100
120
140
10
20
30
Clock Frequency (MHz)
ICC (mA)
33 MHz
20 MHz
40 MHz
0
40
80
120
160
200
240
280
10
20
30
40
50
25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com