Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 35Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 36Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 37Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 38Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 39Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 40Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 41Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 42Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Am186ED/EDLV Microcontrollers
39
PRELI M INARY
D
RA
F T
Table 8.
Peripheral Control Block Register Map
All unused addresses are reserved and should not be
accessed.
Notes:
1. The register has been modified from the Am186ES/
Am188ES microcontrollers.
2. The previous Memory Partition Register (MDRAM)
has been removed and its functionality replaced
with the CAS-before-RAS refresh mode.
Register Name
Offset
Processor Control Registers:
Peripheral control block relocation register
FEh
Reset configuration register
F6h
Processor release level register1
F4h
Auxiliary configuration register1
F2h
System configuration register1
F0h
Watchdog timer control register
E6h
Enable RCU register1
E4h
Clock prescaler register1
E2h
(
See note 2.)
DMA Registers:
DMA 1 control register
DAh
DMA 1 transfer count register
D8h
DMA 1 destination address high register
D6h
DMA 1 destination address low register
D4h
DMA 1 source address high register
D2h
DMA 1 source address low register
D0h
DMA 0 control register
CAh
DMA 0 transfer count register
C8h
DMA 0 destination address high register
C6h
DMA 0 destination address low register
C4h
DMA 0 source address high register
C2h
DMA 0 source address low register
C0h
Chip-Select Registers:
PCS and MCS auxiliary register
A8h
Midrange memory chip-select register
A6h
Peripheral chip-select register
A4h
Low memory chip-select register1
A2h
Upper memory chip-select register1
A0h
Serial Port 0 Registers:
Serial port 0 baud rate divisor register
88h
Serial port 0 receive register
86h
Serial port 0 transmit register
84h
Serial port 0 status register
82h
Serial port 0 control register
80h
PIO Registers:
PIO data 1 register
7Ah
PIO direction 1 register
78h
PIO mode 1 register
76h
PIO data 0 register
74h
PIO direction 0 register
72h
PIO mode 0 register
70h
Timer Registers:
Timer 2 mode/control register
66h
Timer 2 max count compare A register
62h
Timer 2 count register
60h
Timer 1 mode/control register
5Eh
Timer 1 max count compare B register
5Ch
Timer 1 max count compare A register
5Ah
Timer 1 count register
58h
Timer 0 mode/control register
56h
Timer 0 max count compare B register
54h
Timer 0 max count compare A register
52h
Timer 0 count register
50h
Interrupt Registers:
Serial port 0 interrupt control register
44h
Serial port 1 interrupt control register
42h
INT4 interrupt control register
40h
INT3 control register
3Eh
INT2 control register
3Ch
INT1 control register
3Ah
INT0 control register
38h
DMA1/INT6 interrupt control register
36h
DMA0/INT5 interrupt control register
34h
Timer interrupt control register
32h
Interrupt status register
30h
Interrupt request register
2Eh
Interrupt in-service register
2Ch
Interrupt priority mask register
2Ah
Interrupt mask register
28h
Interrupt poll status register
26h
Interrupt poll register
24h
End-of-interrupt register
22h
Interrupt vector register
20h
Serial Port 1 Registers:
Serial port 1 baud rate divisor register
18h
Serial port 1 receive register
16h
Serial port 1 transmit register
14h
Serial port 1 status register
12h
Serial port 1 control register
10h
Register Name
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com