Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 8Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 9Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 10Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 11Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 12Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 13Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 14Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 15Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
12
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
COMPARING THE Am186ES/ESLV TO THE Am186ED/EDLV MICROCONTROLLERS
Compared to the Am186ES/ESLV microcontrollers, the
Am186ED/EDLV microcontrollers have the following
additional features:
n Integrated DRAM controller
n Enhanced refresh control unit
n Option to overlap DRAM with peripheral chip select
(PCS)
n Additional serial port mode for DMA support of 9-bit
protocols
n Option to boot from 8- or 16-bit memory
n Improved external bus master support
n PSRAM controller removed
Figure 1 shows an example system using a 40-MHz
Am18 6ED m i cr o c on tr o l le r. F i g u r e 2 sh ow s a
comparable system implementation with an 80C186.
Because of its superior integration, the Am186ED/
EDLV system does not require the support devices that
are required on the 80C186 example system. In
addition, the Am186ED/EDLV microcontrollers provide
significantly better performance with its 40-MHz clock
rate.
Integrated DRAM Controller
The integrated DRAM controller directly interfaces
DRAM to support no-wait state DRAM interface up to
40 MHz. Wait states can be inserted to support slower
DR AM. All signals requir ed by the DR AM ar e
generated on the Am186ED/EDLV microcontrollers
and no external logic is r equired. The DRAM
multiplexed address pins are connected to the odd
address pins starting with A1 on the Am186ED/EDLV
microcontrollers to MA0 on the DRAM. The correct row
and column addresses are generated on these pins
during a DRAM access. The UCAS and LCAS are used
to select which byte of the DRAM is accessed during a
read or write. The RAS0 controls the lower bank of
DRAM which starts at 00000h in the address map and
is bounded by the lower memory size selected in the
LMCS register. RAS1 controls the upper bank of
DRAM which ends at FFFFFh and is bounded by the
upper memory size in the UMCS register. When RAS1
is enabled, UCS is automatically disabled. Neither,
either, or both DRAM banks can be activated.
Figure 2.
80C186 Microcontroller Example System Design
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com