Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 43Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 44Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 45Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 46Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 47Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 48Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 49Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 50Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Am186ED/EDLV Microcontrollers
47
PRELI M INARY
D
RA
F T
Figure 10.
DMA Unit Block Diagram
DMA Channel Control Registers
Each DMA control register determines the mode of op-
eration for the particular DMA channel. The DMA con-
trol registers specify the following:
n The mode of synchronization
n Whether bytes or words are transferred
n Whether an interrupt is generated after the last
transfer
n Whether the DRQ pins are configured as INT pins
n Whether DMA activity ceases after a programmed
number of DMA cycles
n The relative priority of the DMA channel with re-
spect to the other DMA channel
n Whether the source address is incremented, decre-
mented, or maintained constant after each transfer
n Whether the source address addresses memory or
I/O space
n Whether the destination address is incremented,
decremented, or maintained constant after trans-
fers
n Whether the destination address addresses mem-
ory or I/O space
DMA Priority
The DMA channels can be programmed so that one
channel is always given priority over the other, or they
can be programmed to alternate cycles when both
have DMA requests pending. DMA cycles always have
priority over internal CPU cycles except between
locked memory accesses or word accesses to odd
memory locations. However, an external bus hold
takes priority over an internal DMA cycle.
Because an interrupt request cannot suspend a DMA
operation and the CPU cannot access memory during
a DMA cycle, interrupt latency time suffers during se-
quences of continuous DMA cycles. An NMI request,
however, causes all internal DMA activity to halt. This
allows the CPU to respond quickly to the NMI request.
ASYNCHRONOUS SERIAL PORTS
The Am186ED/EDLV microcontrollers provide two in-
dependent asynchronous serial ports. These ports pro-
vide full-duplex, bidirectional data transfer using
several industry-standard communications protocols.
The serial ports can be used as sources or destinations
of DMA transfers.
20-bit Adder/Subtractor
DMA
Control
Logic
Request
Selection
Logic
Adder Control
Logic
20
20
Channel Control Register 1
Channel Control Register 0
16
DRQ1/Serial Port
DRQ0/Serial Port
Timer Request
Interrupt
Request
Transfer Counter Ch. 1
Destination Address Ch. 1
Destination Address Ch. 0
Transfer Counter Ch. 0
Source Address Ch. 1
Source Address Ch. 0
Internal Address/Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com