Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 50Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 51Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 52Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 53Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 54Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 55Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 56Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 57Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
54
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Table 15 shows typical maximum ambient temperatures in degrees Centigrade for a TQFP package used on a 2-
layer board. The typical ambient temperatures are based on a 100-degree Centigrade maximum case temperature.
Figure 16 graphically illustrates the typical temperatures in Table 15.
Table 15.
Typical Ambient Temperatures (°C) for TQFP with a 2-Layer Board
Figure 16.
Typical Ambient Temperatures for TQFP with a 2-Layer Board
Microcontroller
Speed
Typical Power
(Watts)
Linear Feet per Minute Airflow
0 fpm
200 fpm
400 fpm
600 fpm
40 MHz
1.2
45.7
57.5
64.6
67.0
33 MHz
1.0
55.2
65.0
70.8
72.7
25 MHz
0.7
66.1
73.5
77.9
79.4
20 MHz
0.6
72.9
78.8
82.3
83.5
Airflow (Linear Feet Per Minute)
q
q
q
q
I
I
I
I
x
x
x
x
s
s
s
s
0 fpm
200 fpm
400 fpm
600 fpm
q 40 MHz
s 20 MHz
x 25 Mhz
H 33 MHz
Legend:
35
45
55
65
75
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com