Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186ED-20KC/W Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 32Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 33Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 34Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 35Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 36Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 37Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 38Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 39Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
36
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Figure 7.
8-Bit Mode—Read and Write with Address Bus Disable in Effect
BUS INTERFACE UNIT
The bus interface unit controls all accesses to external
peripherals and memory devices. External accesses
include those to memory devices, as well as those to
memory-mapped and I/O-mapped peripherals and the
peripheral control block. The Am186ED/EDLV micro-
controllers provide an enhanced bus interface unit with
the following features:
n A nonmultiplexed address bus
n DRAM address multiplexing
n A static bus-sizing option for 8-bit and 16-bit mem-
ory and I/O
n Separate byte write enables and CAS for High and
Low bytes
n Data strobe bus interface option
The standard 80C186/188 microcontroller multiplexed
address and data bus requires system interface logic
and an external address latch. On the Am186ED/EDLV
microcontrollers, new byte write enables, DRAM con-
trol logic, and a new nonmultiplexed address bus can
reduce design costs by eliminating this external logic.
The standard 80C186/188 microcontroller required ex-
ternal DRAM controller logic and DRAM address multi-
plex circuitry fo r in terf acing to DRAM . On the
Am186ED/EDLV microcontrollers, the integrated
DRAM controller and internal address multiplexing can
reduce design costs by eliminating this external logic.
Further, system costs can be reduced for systems
using more than 64K of RAM by replacing SRAM with
less expensive DRAM.
Nonmultiplexed Address Bus
The nonmultiplexed address bus (A19–A0) is valid
one-half CLKOUTA cycle in advance of the address on
the AD bus. When used in conjunction with the modi-
fied UCS and LCS outputs and the byte-write enable
signals, the A19–A0 bus provides a seamless interface
to SRAM, and Flash EPROM memory systems.
DRAM Address Multiplexing
The A19–A0 address bus also provides the addresses
for the DRAM. When RAS0 or RAS1 asserts for a read
or write, all the address signals are valid. This allows
the DRAM to latch the odd addresses into the row ad-
dress. Before the UCAS and/or LCAS asserts, the odd
addresses A17–A1 change to reflect the even ad-
dresses. This allows the DRAM to latch in the even ad-
dresses into the column address. During a refresh
cycle, the entire A19–A0 address bus is stable but un-
defined. The internal address and that reflected on the
AD bus is all 1s. The DRAM pin interface is shown in
Table 6.
CLKOUTA
t1
t2
t3
t4
AD7–AD0
(Read)
Address
AD15–AD8
LCS, or UCS
AD7–AD0
(Write)
Data
Address
Phase
Data
Phase
A19–A0
MCSx, PCSx
or
Address
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com