Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 3 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 3 Page - Analog Devices

  ADUCM331WFS Datasheet HTML 1Page - Analog Devices ADUCM331WFS Datasheet HTML 2Page - Analog Devices ADUCM331WFS Datasheet HTML 3Page - Analog Devices ADUCM331WFS Datasheet HTML 4Page - Analog Devices ADUCM331WFS Datasheet HTML 5Page - Analog Devices ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADuCM330WFS/ADuCM331WFS
Rev. A | Page 3 of 17
FUNCTIONAL BLOCK DIAGRAM
20-BIT
ADC
PGA
BUF
IIN+
IIN–
RESULT
ACCUMULATOR
DIGITAL
COMPARATOR
20-BIT
ADC
MUX
BUF
SWDIO
SWCLK
VBAT
VTEMP
GND_SW
PRECISION ANALOG ACQUISITION
CORTEX-M3
PROCESSOR
32kHz
LOW POWER
OSCILLATOR
1 ×
GENERAL-PURPOSE
TIMER
WATCHDOG TIMER
WAKE-UP TIMER
GPIO PORT
SPI PORT
LIN
LIN
LDO
POR
RESET
TEMPERATURE
SENSOR
PRECISION
REFERENCE
ADuCM330WFS/ADuCM331WFS
16MHz
PRECISION
OSCILLATOR 1%
FLASH MEMORY
96kB (ADuCM330WFS)
128kB (ADuCM331WFS)
10kB SRAM,
4kB DATA
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com