Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 9 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUCM331WFS Datasheet HTML 5Page - Analog Devices ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices ADUCM331WFS Datasheet HTML 10Page - Analog Devices ADUCM331WFS Datasheet HTML 11Page - Analog Devices ADUCM331WFS Datasheet HTML 12Page - Analog Devices ADUCM331WFS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADuCM330WFS/ADuCM331WFS
Rev. A | Page 9 of 17
TA = −40°C to +115°C
TA = +115°C to +125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
LIN DC PARAMETERS
Current Limit for
Driver when LIN Bus
Is in Dominant State
(ILIN_DOM_MAX)
VBAT = VBAT (maximum)
40
200
mA
Driver Off (ILIN_PAS_REC)1
6.0 V < voltage of LIN bus (VBUS) < 19 V,
VDD = input leakage voltage (VLIN) −
0.7 V
20
µA
Input Leakage Current
at Receiver
(ILIN_PAS_DOM)1
VLIN = 0 V, VBAT = 12 V, driver off
−1
mA
Control Unit
Disconnected from
Ground (ILIN_NO_GND)1,23
Ground = VDD, 0 V < VLIN < 19 V, VBAT =
12 V
−1
+1
mA
VBAT Disconnected
(IBUS_NO_BAT)1
VDD = ground, 0 V < VBUS < 19 V
30
µA
LIN Receiver Dominant
State (VLIN_DOM)1
VDD > 6.0 V
0.4 ×
VDD
V
LIN Receiver Recessive
State (VLIN_REC)1
VDD > 6.0 V
0.6 ×
VDD
V
LIN Receiver Threshold
Center (VLIN_CNT)1
VLIN_CNT = (receiver threshold of recessive to
dominant bus edge (VTH_DOM) + receiver
threshold of dominant to recessive bus
edge (VTH_REC))/2, VDD > 6.0 V
0.475 ×
VDD
0.5 ×
VDD
0.525 ×
VDD
V
LIN Receiver Threshold
Hysteresis (VHYS)1
VHYS = VTH_REC − VTH_DOM
0.175 ×
VDD
V
LIN Dominant Output
Voltage
(VLIN_DOM_DRV_LOSUP)1
VDD = 6.0 V
RL = 500 Ω
1.2
V
RL = 1000 Ω
0.6
V
LIN Dominant Output
Voltage
(VLIN_DOM_DRV_HISUP)1
VDD = 19 V
RL = 500 Ω
2
V
RL = 1000 Ω
0.8
V
LIN Recessive Output
Voltage (VLIN_RECESSIVE)1
0.8 ×
VDD
V
VBAT Shift1,23
0
0.115 ×
VDD
V
Ground Shift1,23
0
0.115 ×
VDD
V
Slave Termination
Resistance (RSLAVE)
20
30
47
30
kΩ
Voltage Drop at the
Serial Diode
(VSERIAL_DIODE)1
0.4
0.7
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com