Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 7 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUCM331WFS Datasheet HTML 3Page - Analog Devices ADUCM331WFS Datasheet HTML 4Page - Analog Devices ADUCM331WFS Datasheet HTML 5Page - Analog Devices ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices ADUCM331WFS Datasheet HTML 10Page - Analog Devices ADUCM331WFS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADuCM330WFS/ADuCM331WFS
Rev. A | Page 7 of 17
TA = −40°C to +115°C
TA = +115°C to +125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
VOLTAGE REFERENCE
Internal Reference
1.2
1.2
V
Power-Up Time1
0.5
0.5
ms
Initial Accuracy1
Measured at TA = 25°C
−0.15
+0.15
%
Temperature
Coefficient1,16
−20
±5
+20
±8
ppm/°C
Long-Term Stability17
100
ppm/
1000 Hr
RESISTIVE ATTENUATOR
Divider Ratio
24
Resistor Mismatch Drift
Implicit in the voltage channel gain error
specification
±3
ppm/°C
ADC GROUND SWITCH
Resistor to Ground
45
60
75
kΩ
TEMPERATURE SENSOR1,18
Processor in hibernate mode
Accuracy
TA = 115°C to 125°C
−3.5
±1
+3.5
±1
°C
TA = −40°C to +115°C
−3
±1
+3
°C
TA = −25°C to +85°C
−2.5
±0.5
+2.5
°C
TA = −10°C to +55°C
−2
±0.5
+2
°C
ADC DIAGNOSTICS1
AVDD18/136
Accuracy2,19
At any gain setting
12
14
13
mV
Current Channel
Diagnostic Current
35
50
65
µA
Diagnostic Current
Matching
−5
±0.5
+5
µA
Internal Electrostatic
Discharge (ESD)
Resistor Matching
−120
+120
Ω
Voltage Channel
Input Test Voltage
(VBE)
525
700
875
mV
Voltage Attenuator
Current Source
Accuracy
Differential voltage increase on the
attenuator when current is on
2.4
3.2
2.8
V
Diagnostic Attenuator
Divider Ratio
48
POWER-ON RESET (POR)1
Refers to voltage at the VDD pin
POR Trip Level
2.8
3.1
3.4
3.3
V
POR Hysteresis
0.1
V
LOW VOLTAGE FLAG
Low Voltage Flag Level
Refers to voltage at the VDD pin
2.6
2.75
3.00
V
WATCHDOG TIMER
Shortest Timeout
Period
32,768 Hz clock with a prescaler of 1
30.5
30.5
µs
Longest Timeout
Period
32,768 Hz clock with a prescaler of 4096
8192
8192
sec
SRAM SIZE
10
kB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com