Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 5 Page - Analog Devices

  ADUCM331WFS Datasheet HTML 1Page - Analog Devices ADUCM331WFS Datasheet HTML 2Page - Analog Devices ADUCM331WFS Datasheet HTML 3Page - Analog Devices ADUCM331WFS Datasheet HTML 4Page - Analog Devices ADUCM331WFS Datasheet HTML 5Page - Analog Devices ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADuCM330WFS/ADuCM331WFS
Rev. A | Page 5 of 17
SPECIFICATIONS
VDD = 3.6 V to 19 V, Arm core frequency (fCORE) = 16.384 MHz, clock divider bits (CD) = 0, normal mode, and voltage reference (VREF) = 1.2 V
(internal), unless otherwise stated. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless
otherwise stated. Safe operation of the device is not guaranteed outside the temperature range of TA = −40°C to +115°C. Parameters specified in
the 115°C to 125°C temperature range of operation are functional within this range but with degraded performance.
Table 1.
TA = −40°C to +115°C
TA = +115°C to +125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
ADC SPECIFICATIONS
Conversion Rate1
ADC normal operating mode, chop off
4
8000
Hz
ADC normal operating mode, chop on
4
2000
Hz
ADC low power mode, chop on
1
656
Hz
Current Channel
(IIN+/IIN− Only)
No Missing Codes1
Valid for all ADC update rates and ADC
modes
20
Bits
Integral
Nonlinearity
(INL)1,2
ADCFLT = 0x10001, 0x08101, 0x00007
−200
±10
+200
±80
ppm of
FSR
Offset Error1,3, 4
Chop off, gain = 4, 8, or 16, external
short, after user system calibration at
25°C, 1 LSB = (2.28/gain) µV
−100
±24
+100
LSBs
Chop off, gain = 32 or 64, external short,
after user system calibration at 25°C,
1 LSB = (2.28/gain) µV
−160
±48
+160
LSBs
Chop off, gain = 512, external short, after
user system calibration at 25°C, 1 LSB =
(2.28/gain) µV
−1400
±60
+1400
LSBs
Chop on, external short, low power
mode, gain = 64 or 512, processor
powered down
−300
±50
+250
±250
nV
Chop on, external short, after user
system calibration at 25°C, VDD = 19 V
−0.65
+0.65
±0.1
µV
Offset Error Drift1,2,5
Chop off, gain of 4 to 64, normal mode
±0.48
LSB/°C
Chop on
±5
±5
nV/°C
Total Gain Error1,3,4,6
Factory calibrated at a gain of 8, normal
mode
−0.5
±0.1
+0.5
±0.15
%
Low power mode
−1
±0.2
+1
±0.2
%
Gain Drift1,7
±3
±3
ppm/°C
PGA Gain Mismatch
Error
±0.1
±0.1
%
Output Noise1,8
Register PGASCALE, Bits[11:10] = 0x3
Gain = 64, ADCFLT = 0x08101
0.80
1.3
1.2
µV rms
Gain = 64, ADCFLT = 0x00007
0.75
1.1
µV rms
Gain = 32, ADCFLT = 0x08101
1.00
1.5
1.3
µV rms
Gain = 32, ADCFLT = 0x00007
0.80
1.2
µV rms
Gain = 16, ADCFLT = 0x08101
1.50
2.6
2.0
µV rms
Gain = 16, ADCFLT = 0x00007
1.10
1.9
µV rms
Gain = 8, ADCFLT = 0x08101
2.10
4.1
2.5
µV rms
Gain = 8, ADCFLT = 0x00007
1.60
2.4
µV rms
Gain = 4, ADCFLT = 0x08101
3.40
5.1
4.0
µV rms
Gain = 4, ADCFLT = 0x00007
2.60
3.9
µV rms
Gain = 64, ADCFLT = 0x10001
1.55
2.0
1.85
µV rms
Gain = 32, ADCFLT = 0x10001
1.6
2.3
2.0
µV rms
Gain = 16, ADCFLT = 0x10001
1.8
2.5
2.1
µV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com