Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 1 Page - Analog Devices

  ADUCM331WFS Datasheet HTML 1Page - Analog Devices ADUCM331WFS Datasheet HTML 2Page - Analog Devices ADUCM331WFS Datasheet HTML 3Page - Analog Devices ADUCM331WFS Datasheet HTML 4Page - Analog Devices ADUCM331WFS Datasheet HTML 5Page - Analog Devices ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated, Precision Battery Sensor for
Automotive Systems
Data Sheet
ADuCM330WFS/ADuCM331WFS
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High precision ADCs
Dual-channel, simultaneous sampling
IADC 20-bit Σ-Δ (minimizes range switching)
VADC/TADC 20-bit Σ-Δ
Programmable ADC conversion rate from 4 Hz to 8 kHz
On-chip ±5 ppm/°C voltage reference
Current channel
Fully differential, buffered input
Programmable gain (from 4 to 512)
ADC absolute input range: −200 mV to +300 mV
Digital comparator with current accumulator feature
Voltage channel
Buffered, on-chip attenuator for 12 V battery input
Temperature channel
External and on-chip temperature sensor options
Microcontroller
Arm Cortex-M3 32-bit processor
16.384 MHz precision oscillator with 1% accuracy (high
precision)
Serial wire debug (SWD) port supporting code download
and debug
Automotive qualified integrated LIN transceiver
LIN 2.2-compatible slave, 100 kbaud fast download option
SAE J2602-compatible slave
Low electromagnetic emissions
High electromagnetic immunity
Memory
96 kB programmable Flash/EE memory (ADuCM330WFS),
ECC
128 kB programmable Flash/EE memory (ADuCM331WFS),
ECC
10 kB SRAM, ECC
4 kB data Flash/EE memory, ECC
10,000 cycle Flash/EE endurance
20 year Flash/EE retention
In circuit download via SWD and LIN
On-chip peripherals
SPI
GPIO port
General-purpose timer
Wake-up timer
Watchdog timer
On-chip, power-on reset
Power
Operates directly from 12 V battery supply
Power consumption, 8 mA typical (16 MHz) at TA = −40°C
to +115°C
Low power monitor mode
Package and temperature range
6 mm × 6 mm, 32-lead LFCSP
Fully specified for −40°C to +115°C operation; additional
specifications for 115°C to 125°C
AEC-Q100 qualified for automotive applications
Developed for use in ISO 26262 applications for ASIL
Capability A
APPLICATIONS
Battery sensing and management for automotive and light
mobility vehicles
Lead acid battery measurement for power supplies in
industrial and medical domains


Similar Part No. - ADUCM331WFS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuCM331WDCPZ AD-ADuCM331WDCPZ Datasheet
357Kb / 16P
Dual channel, simultaneous sampling
Rev. C
ADuCM331WDCPZ-RL AD-ADuCM331WDCPZ-RL Datasheet
357Kb / 16P
Dual channel, simultaneous sampling
Rev. C
More results

Similar Description - ADUCM331WFS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
Integrated Precision Battery Sensor For Automotive
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com