Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 4 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 4 Page - Analog Devices

  ADUCM331WFS Datasheet HTML 1Page - Analog Devices ADUCM331WFS Datasheet HTML 2Page - Analog Devices ADUCM331WFS Datasheet HTML 3Page - Analog Devices ADUCM331WFS Datasheet HTML 4Page - Analog Devices ADUCM331WFS Datasheet HTML 5Page - Analog Devices ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADuCM330WFS/ADuCM331WFS
Data Sheet
Rev. A | Page 4 of 17
GENERAL DESCRIPTION
The ADuCM330WFS/ADuCM331WFS are fully integrated,
8 kHz data acquisition systems that incorporate dual, high
performance multichannel Σ-Δ analog-to-digital converters
(ADCs), a 32-bit Arm® Cortex™-M3 processor, and flash. The
ADuCM330WFS has 96 kB Flash/EE, and the ADuCM331WFS
has 128 kB Flash/EE memory. Both have 4 kB data flash. Error
correction code (ECC) is available on all flash and SRAM
memories.
The ADuCM330WFS/ADuCM331WFS are complete system
solutions for battery monitoring in 12 V automotive
applications.
The ADuCM330WFS/ADuCM331WFS integrate all of the
required features to precisely and intelligently monitor, process,
and diagnose 12 V battery parameters including battery
current, voltage, and temperature over a wide range of
operating conditions.
Minimizing external system components, the device is powered
directly from a 12 V battery. On-chip, low dropout (LDO)
regulators generate the supply voltage for two integrated Σ-Δ
ADCs. The ADCs precisely measure battery current, voltage,
and temperature to characterize the state of the health and the
charge of the car battery.
The device operates from an on-chip, 16.384 MHz high
frequency oscillator that supplies the system clock that is routed
through a programmable clock divider, from which the core
clock operating frequency is generated. The device also contains
a 32 kHz oscillator for low power operation.
The analog subsystem consists of an ADC with a programmable
gain amplifier (PGA) that allows the monitoring of various
current and voltage ranges. The analog subsystem also includes
a precision reference on chip.
The ADuCM330WFS/ADuCM331WFS integrate a range of
on-chip peripherals that can be configured under core software
control as required in the application. These peripherals include
a serial port interface (SPI) serial input/output communication
controller, six general-purpose input/output (GPIO) pins, one
general-purpose timer, a wake-up timer, and a watchdog timer.
See the ADuCM330WFS/ADuCM331WFS Hardware Reference
Manual for more information.
The ADuCM330WFS/ADuCM331WFS are designed to operate
in battery-powered applications where low power operation is
critical. The microcontroller core can be configured in normal
operating mode, resulting in an overall system current
consumption of 18.5 mA when all peripherals are active. The
device can also be configured in a number of low power
operating modes under direct program control, consuming
<100 μA.
The ADuCM330WFS/ADuCM331WFS also include a local
interconnect network (LIN) physical interface for single-wire,
high voltage communications in automotive environments. The
LIN transceiver is compliant to LIN 2.2 and Society of
Automotive Engineers (SAE) J2602-2.
The device operates from an external 3.6 V to 19 V (on VDD,
Pin 26) voltage supply and is specified over the −40°C to
+115°C temperature range, with additional typical
specifications at +115°C to +125°C.
The information in this data sheet is relevant for Silicon
Revision P60.
The ADuCM330WFS/ADuCM331WFS are developed for use
in ISO 26262 applications for Automotive Safety Integrity Level
Capability A (ASIL A). The ADuCM330WFS/ADuCM331WFS
are low electromagnetic emissions and high electromagnetic
immunity devices.
Multifunction pin names may be referenced by their relevant
function only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com