Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM331WFS Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM331WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM331WFS Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM331WFS Datasheet HTML 6Page - Analog Devices ADUCM331WFS Datasheet HTML 7Page - Analog Devices ADUCM331WFS Datasheet HTML 8Page - Analog Devices ADUCM331WFS Datasheet HTML 9Page - Analog Devices ADUCM331WFS Datasheet HTML 10Page - Analog Devices ADUCM331WFS Datasheet HTML 11Page - Analog Devices ADUCM331WFS Datasheet HTML 12Page - Analog Devices ADUCM331WFS Datasheet HTML 13Page - Analog Devices ADUCM331WFS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADuCM330WFS/ADuCM331WFS
Data Sheet
Rev. A | Page 10 of 17
TA = −40°C to +115°C
TA = +115°C to +125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
LIN AC PARAMETERS1
Bus load conditions (CBUS||RBUS): 1 nF||1 kΩ
or 6.8 nF||660 Ω or 10 nF||500 Ω
Duty Cycle 1 (D1)
Threshold recessive maximum (THREC(MAX))
= 0.744 × VBAT, threshold dominant
maximum (THDOM(MAX)) = 0.581 × VBAT,
supply voltage at transceiver (VSUP) =
6.0 V to 19 V, tBIT = 50 µs, D1 =
tBUS_REC(MIN)/(2 × tBIT)
0.396
Duty Cycle 2 (D2)
Threshold recessive minimum (THREC(MIN)) =
0.284 × VBAT, threshold dominant
minimum (THDOM(MIN)) = 0.422 × VBAT,
VSUP = 6.0 V to 19 V, tBIT = 50 µs, D2 =
tBUS_REC(MAX)/(2 × tBIT)
0.581
Duty Cycle 3 (D3)23
THREC(MAX) = 0.778 × VBAT, THDOM(MAX) =
0.616 × VBAT, VDD = 6.0 V to 19 V, tBIT =
96 µs, D3 = tBUS_REC(MIN)/(2 × tBIT)
0.417
Duty Cycle 4 (D4)23
THREC(MIN) = 0.389 × VBAT, THDOM(MIN) =
0.251 × VBAT, VDD = 6.0 V to 19 V, tBIT =
96 µs, D4 = tBUS_REC(MAX)/(2 × tBIT)
0.590
Propagation Delay of
Receiver (tRX_PD)23
6
µs
Symmetry of Receiver
Propagation Delay
Rising Edge (tRX_SYM)23
With respect to falling edge (tRX_SYM =
propagation delay rising edge (tRX_PDR) −
propagation delay falling edge (tRX_PDF))
−2
+2
µs
POWER REQUIREMENTS
Power Supply Voltages
VDD (Pin 26)
3.6
19
V
DVDD33 (Pin 21)
3.3
3.3
V
AVDD18 (Pin 19)
1.88
1.88
V
DVDD18 (Pin 22)
1.88
1.88
V
POWER CONSUMPTION
Supply Current (IDD)
Processor, Normal
Mode24
Clock Divider Setting 0 (CD0) (peripheral
clock (PCLK) = 16 MHz), 16 MHz 1% mode,
ADCs off, reference buffer off, executing
code from program flash
8
17
9
mA
Clock Divider Setting 1 (CD1) (PCLK =
8 MHz), 16 MHz 1% mode, ADCs off,
reference buffer off, executing code from
program flash
6
7
mA
CD0 (PCLK = 16 MHz), 16 MHz 1% mode,
ADCs on, reference buffer on, executing
code from program flash
9.5
18.5
10
mA
IDD Processor, Powered
Down
Precision oscillator off, ADC off, external
LIN master pull-up resistor present,
measured with wake-up and watchdog
timers clocked from low power
oscillator, maximum value is at 105°C, and
VDD = 18 V
55
100
µA
IDD LIN
500
µA
IDD Current Channel
ADC (IADC)
Gain = 4, 8, or 16
700
µA
Gain = 32 or 64
800
µA
Low power mode, gain = 64
350
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com