Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC798ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
HMC798ALC4
Data Sheet
Rev. 0 | Page 24 of 26
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 80 shows the typical application circuit for the
HMC798ALC4. The integrated LO amplifier is single bias at 5 V
with a typical 4 dBm input. Place capacitors as close as possible
to the pin to decouple the power supply. The LO and RF pins
are internally ac-coupled. The IF pin is internally dc-coupled.
When IF operation to dc is not required, use of an external
series capacitor is recommended, of a value chosen to pass the
necessary IF frequency range. When IF operation to dc is
required, do not exceed the IF source or sink current rating
specified in the Absolute Maximum Ratings section.
LO
GND
NIC
NIC
GND
IF
GND
GND
GND
LO
GND
NIC
GND
13
14
15
16
17
18
6
5
4
3
2
1
HMC798ALC4
VCC
TERMINAL_SWAGE
TERMINAL_SWAGE
K_SRI-NS
IF
SMA_JC_062PCB
RF
K_SRI-NS
C1
100pF
C2
10nF
C3
4.7µF
+
Figure 80. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance,
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 81). Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 81 is
available from Analog Devices, Inc., upon request.
Table 5. List of Materials for Evaluation PCB
EV1HMC798ALC4
Item
Description
J1
Johnson Surface-Mount Type A (SMA) connector
J2, J3
SRI 2.92 mm connector
U1
HMC798ALC4
PCB1
126598-1 evaluation board
C1
C0G, 0402, 100 pF capacitor
C2
X7R, 0603, 10000 pF capacitor
C3
SMD, 3216, 4.7 µF capacitor
1
126598-1 is the raw bare PCB identifier. Reference EV1HMC798ALC4 when
ordering the complete evaluation PCB.
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 81 shows the recommended land pattern for the
HMC798ALC4. The HMC798ALC4 is contained in a 3.90 mm
× 3.90 mm, 24-terminal, ceramic LCC package with an exposed
ground pad (EPAD). This exposed pad is internally connected
to the ground of the chip. To minimize thermal impedance and
ensure electrical performance, solder the exposed pad to the
low impedance ground plane on the PCB. It is recommended
that the ground planes on all layers under the exposed pad be
stitched together with vias to further reduce thermal
impedance. The land pattern on the HMC798ALC4 evaluation
board provides a simulated thermal resistance (θJC) of 119°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com