Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC798ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
HMC798ALC4
Rev. 0 | Page 21 of 26
IF BANDWIDTH—DOWNCONVERTER, LOWER SIDEBAND
LO frequency = 13 GHz.
0
–20
–15
–10
–5
0.1
1.1
2.1
4.1
3.1
5.1
6.1
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 76. Conversion Gain vs. IF Frequency at Various Temperatures,
LO = 4 dBm
0.1
1.1
2.1
4.1
3.1
5.1
6.1
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
30
0
5
10
20
15
25
Figure 77. Input IP3 vs. IF Frequency at Various Temperatures,
LO = 4 dBm
0
–20
–15
–10
–5
0.1
1.1
2.1
4.1
3.1
5.1
6.1
IF FREQUENCY (GHz)
LO = 6dBm
LO = 4dBm
LO = 2dBm
Figure 78. Conversion Gain vs. IF Frequency at Various LO Power Levels,
TA = 25°C
0.1
1.1
2.1
4.1
3.1
5.1
6.1
IF FREQUENCY (GHz)
30
0
5
10
20
15
25
LO = 6dBm
LO = 4dBm
LO = 2dBm
Figure 79. Input IP3 vs. IF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com