Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC798ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
HMC798ALC4
Data Sheet
Rev. 0 | Page 22 of 26
SPURIOUS AND HARMONICS PERFORMANCE
M × N Spurious Outputs
Downconversion, Upper Sideband
Spur values are (M × RF) − (N × LO). RF = 10.1 GHz, LO =
10 GHz, RF power = −10 dBm, and LO power = 13 dBm. Mixer
spurious products are measured in dBc from the IF output power
level. N/A means not applicable.
N × LO
0
1
2
3
4
M × RF
0
0
25
3
N/A
N/A
1
18
28
0
25
47
2
N/A
N/A
63
75
71
3
N/A
N/A
N/A
N/A
72
4
N/A
N/A
N/A
N/A
N/A
Downconversion, Lower Sideband
Spur values are (M × RF) − (N × LO). RF = 14 GHz, LO =
14.1 GHz, RF power = −10 dBm, and LO power = 13 dBm.
Mixer spurious products are measured in dBc from the IF output
power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × RF
0
0
18
0
N/A
N/A
1
22
33
0
30
48
2
N/A
N/A
58
75
62
3
N/A
N/A
N/A
N/A
70
4
N/A
N/A
N/A
N/A
N/A
Upconversion, Upper Sideband
Spur values are (M × IFIN) + (N × LO). IFIN = 0.1 GHz, LO =
10 GHz, RF power = −10 dBm, and LO power = 13 dBm. Mixer
spurious products are measured in dBc from the RF output power
level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IFIN
−5
75
77
74
70
N/A
−4
80
79
73
70
N/A
−3
83
77
63
71
N/A
−2
85
78
44
74
N/A
−1
49
39
3
53
N/A
0
0
12
14
0
N/A
+1
50
36
0
53
N/A
+2
83
73
44
73
N/A
+3
81
77
68
71
N/A
+4
77
78
73
70
N/A
+5
78
77
72
69
N/A
Upconversion, Lower Sideband
Spur values are (M × IFIN) + (N × LO). IFIN = 0.1 GHz, LO =
14.1 GHz, RF power = −10 dBm, and LO power = 13 dBm.
Mixer spurious products are measured in dBc from the RF output
power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IFIN
−5
76
76
68
N/A
N/A
−4
76
77
72
N/A
N/A
−3
80
77
69
N/A
N/A
−2
82
75
40
N/A
N/A
−1
53
45
0
N/A
N/A
0
0
24
8
N/A
N/A
+1
53
41
0
N/A
N/A
+2
82
73
44
N/A
N/A
+3
79
74
63
N/A
N/A
+4
79
73
65
N/A
N/A
+5
75
73
68
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com