Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC798ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
HMC798ALC4
Rev. 0 | Page 3 of 26
SPECIFICATIONS
VCC = 5 V, TA = 25°C, upconverter (IFIN) = 1 GHz at −10 dBm, LO = 4 dBm, upper side band. All measurements performed as an
upconverter, unless otherwise noted, on the evaluation printed circuit board (PCB).
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
RF
24
34
GHz
LO Input
12
18
GHz
IF
DC
4
GHz
SUPPLY CURRENT
ICC
97
125
mA
SUPPLY VOLTAGE
VCC
4.75
5
5.25
V
LO DRIVE LEVELS
0
4
6
dBm
24 GHz to 30 GHz PERFORMANCE
Upconverter
IFIN
Conversion Loss
10
12.5
dB
Input Third-Order Intercept
IP3
12.5
17.5
dBm
Input 1 dB Compression Point
P1dB
6
dBm
Downconverter
IF
Conversion Loss
11
dB
Input Third-Order Intercept
IP3
23
dBm
Input Second-Order Intercept
IP2
50
dBm
Input 1 dB Compression Point
P1dB
14
dBm
Isolation
RF to IF
30
dB
2 × LO to RF
22
31
dB
2 × LO to IF
26.5
dB
30 GHz to 34 GHz PERFORMANCE
Upconverter
IFIN
Conversion Loss
10.5
13.5
dB
Input Third-Order Intercept
IP3
15
20
dBm
Input 1 dB Compression Point
P1dB
9
dBm
Downconverter
IF
Conversion Loss
10.5
dB
Input Third-Order Intercept
IP3
25
dBm
Input Second-Order Intercept
IP2
43
dBm
Input 1 dB Compression Point
P1dB
15
dBm
Isolation
RF to IF
32
dB
2 × LO to RF
25
36
dB
2 × LO to IF
27
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com