Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC798ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
24 GHz to 34 GHz, GaAs, MMIC,
Subharmonic SMT Mixer
Data Sheet
HMC798ALC4
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single positive supply: 5 V at 97 mA
Conversion loss: 10 dB typical at 24 GHz to 30 GHz,
10.5 dB typical at 30 GHz to 34 GHz (upconverter)
Input IP3: 17.5 dBm typical at 24 GHz to 30 GHz,
20 dBm typical at 30 GHz to 34 GHz (upconverter)
2 × LO to RF isolation: 36 dB typical at 30 GHz to 34 GHz
Wide IF bandwidth: dc to 4 GHz
LO drive level: 4 dBm input
Subharmonically pumped 2 × LO
RoHS compliant, 24-terminal, 3.90 mm × 3.90 mm, ceramic
LCC package
APPLICATIONS
Microwave and very small aperture terminal (VSAT) radios
Test equipment
Point to point radios
Satellite communications (SATCOM)
Military electronic warfare (EW), electronic countermeasure
(ECM), and command, control, communications and
intelligence (C3I)
FUNCTIONAL BLOCK DIAGRAM
GND
NIC
NIC
GND
IF
GND
GND
PACKAGE
BASE
GND
GND
LO
GND
NIC
GND
13
14
15
16
17
18
6
5
4
3
2
1
HMC798ALC4
Figure 1.
GENERAL DESCRIPTION
The HMC798ALC4 is a 24 GHz to 34 GHz subharmonically
pumped (×2) MMIC mixer with an integrated LO amplifier housed
in a leadless, RoHS compliant LCC package. The HMC798ALC4
can be used as an upconverter or downconverter between 24 GHz
and 34 GHz.
The 2 × LO to radio frequency (RF) isolation is typically 30 dB
in a 24 GHz to 30 GHz frequency range and 36 dB in a 30 GHz
to 34 GHz frequency range, eliminating the need for additional
filtering. The LO amplifier is single bias at a 5 V dc with a
typical 4 dBm LO drive level requirement The HMC798ALC4
eliminates the need for wire bonding, allowing use of surface-
mount technology (SMT) manufacturing techniques.


Similar Part No. - HMC798ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4 Datasheet
260Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
675Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4_1007 HITTITE-HMC798LC4_1007 Datasheet
675Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results

Similar Description - HMC798ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC560LM3 HITTITE-HMC560LM3 Datasheet
330Kb / 8P
GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC338LC3B HITTITE-HMC338LC3B Datasheet
340Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
260Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC338LC3B HITTITE-HMC338LC3B_09 Datasheet
250Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC798LC4_1007 HITTITE-HMC798LC4_1007 Datasheet
675Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC329ALC3B AD-HMC329ALC3B Datasheet
376Kb / 23P
24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com