Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC798ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
HMC798ALC4
Rev. 0 | Page 5 of 26
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
GND
NIC
NIC
GND
5
6
IF
GND
GND
14 GND
15 LO
16 GND
17 NIC
18 GND
NOTES
1. NOT INTERNALLY CONNECTED. THESE PINS
CAN BE CONNECTED TO RF AND DC GROUND.
PERFORMANCE IS NOT AFFECTED.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF AND DC GROUND.
HMC798ALC4
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 6, 7, 9, 12,
13, 14, 16,
18, 19, 24
GND
Ground. These pins and package bottom must be connected to RF and dc ground.
2, 3, 10, 17, 20,
21, 22, 23
NIC
Not Internally Connected. These pins can be connected to RF and dc ground. Performance is not affected.
5
IF
Intermediate Frequency Port. This pin is dc-coupled. For applications not requiring operation to dc, dc block
this port externally using a series capacitor of a value chosen to pass the necessary IF frequency range. For
operation to dc, this pin must not source or sink more than 3 mA of current or die malfunction and possible
die failure may result.
8
RF
Radio Frequency Port. This pin is dc-coupled and matched to 50 Ω.
11
VCC
Power Supply for the LO Amplifier.
15
LO
Local Oscillator Port. This pin is ac-coupled and matched to 50 Ω.
25
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
LO
Figure 4. LO Interface Schematic
IF
Figure 5. IF Interface Schematic
RF
Figure 6. RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com