Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC798ALC4TR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC798ALC4TR-R5
Description  24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC798ALC4TR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC798ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC798ALC4TR-R5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
HMC798ALC4
Rev. 0 | Page 11 of 26
Downconverter IP2 and P1dB, Upper Sideband (Low-Side LO)
80
70
60
50
40
30
20
10
0
23
24
25
27
29
31
26
28
30
32
33
34
35
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 35. Input IP2 vs. RF Frequency at Various Temperatures,
LO = 4 dBm
20
0
5
10
15
23
24
25
27
29
31
26
28
30
32
33
34
35
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 36. Input P1dB vs. RF Frequency at Various Temperatures,
LO = 4 dBm
80
70
60
50
40
30
20
10
0
23
24
25
27
29
31
26
28
30
32
33
34
35
RF FREQUENCY (GHz)
LO = 6dBm
LO = 4dBm
LO = 2dBm
Figure 37. Input IP2 vs. RF Frequency at Various LO Power Levels,
TA = 25°C
20
0
5
10
15
23
24
25
27
29
31
26
28
30
32
33
34
35
RF FREQUENCY (GHz)
LO = 6dBm
LO = 4dBm
LO = 2dBm
Figure 38. Input P1dB vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com