Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 5 Page - Texas Instruments

  TMS27C040 Datasheet HTML 1Page - Texas Instruments TMS27C040 Datasheet HTML 2Page - Texas Instruments TMS27C040 Datasheet HTML 3Page - Texas Instruments TMS27C040 Datasheet HTML 4Page - Texas Instruments TMS27C040 Datasheet HTML 5Page - Texas Instruments TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Start
Address = First Location
VCC = 6.5 V ± 0.25 V, VPP = 13 V ± 0.25 V
Last
Address?
Address = First Location
X = 0
VCC = VPP = 5 V ± 0.5 V
Compare
All Bytes
to Original
Data
Device Passed
Increment Address
Increment
Address
Verify
One Byte
Program One Pulse = tw = 100 µs
X = 10?
X = X + 1
Last
Address?
Device Failed
Pass
No
Yes
Yes
No
Fail
Fail
Pass
No
Program
Mode
Interactive
Mode
Final
Verification
Yes
Program One Pulse = tw = 100 µs
Figure 1. SNAP! Pulse Programming Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com