Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments TMS27C040 Datasheet HTML 10Page - Texas Instruments TMS27C040 Datasheet HTML 11Page - Texas Instruments TMS27C040 Datasheet HTML 12Page - Texas Instruments TMS27C040 Datasheet HTML 13Page - Texas Instruments TMS27C040 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
2.08 V
RL = 800 Ω
CL = 100 pF
(see Note A)
Output
Under Test
2 V
0.8 V
2 V
0.8 V
2.4 V
0.4 V
NOTES: A. CL includes probe and fixture capacitance.
B. The ac testing inputs are driven at 2.4 V for logic high and 0.4 V for logic low. Timing
measurements are made at 2 V for logic high and 0.8 V for logic low for both inputs
and outputs.
Figure 2. The ac Testing Output Load Circuit and Waveform
A0 – A17
E
Addresses Valid
ta(A)
ta(E)
G
DQ0 – DQ7
Hi-Z
ten(G)
tv(A)
tdis
Output Valid
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Hi-Z
Figure 3. Read-Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com