Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 1 Page - Texas Instruments

  TMS27C040 Datasheet HTML 1Page - Texas Instruments TMS27C040 Datasheet HTML 2Page - Texas Instruments TMS27C040 Datasheet HTML 3Page - Texas Instruments TMS27C040 Datasheet HTML 4Page - Texas Instruments TMS27C040 Datasheet HTML 5Page - Texas Instruments TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Organization...262144 by 8 Bits
D Single 5-V Power Supply
D Operationally Compatible With Existing
Megabit EPROMs
D Industry Standard 32-Pin Dual-In-line
Package and 32-Lead Plastic Leaded Chip
Carrier
D All Inputs/Outputs Fully TTL Compatible
D ±10% VCC Tolerance
D Max Access/Min Cycle Time
VCC ± 10%
’27C / PC020-10
100 ns
’27C / PC020-12
120 ns
’27C / PC020-15
150 ns
’27C / PC020-20
200 ns
’27C / PC020-25
250 ns
D 8-Bit Output For Use in
Microprocessor-Based Systems
D Very High-Speed SNAP! Pulse
Programming
D Power Saving CMOS Technology
D 3-State Output Buffers
D 400 mV Minimum DC Noise Immunity With
Standard TTL Loads
D Latchup Immunity of 250 mA on All Input
and Output Pins
D No Pullup Resistors Required
D Low Power Dissipation (VCC = 5.5 V)
– Active... 165 mW Worst Case
– Standby... 0.55 mW Worst Case
(CMOS-Input Levels)
D Temperature Range Options
description
The TMS27C020 series are 262 144 by 8-bit
(2 097 152-bit), ultraviolet (UV) light erasable,
electrically programmable read-only memories
(EPROMs).
The TMS27PC020 series are one-time program-
mable (OTP) electrically programmable read-only
memories (PROMs).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
430
15 16 17 18 19 20
J PACKAGE
( TOP VIEW )
PIN NOMENCLATURE
A0 – A17
Address Inputs
DQ0 – DQ7
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
GND
Ground
PGM
Program
VCC
5-V Power Supply
VPP
13-V Power Supply †
†Only in program mode
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
PGM
A17
A14
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
TMS27PC020
FM PACKAGE
( TOP VIEW )
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS27C040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
PROGRAMMABLE READ-ONLY MEMORY
TMS27C040 TI1-TMS27C040 Datasheet
193Kb / 12P
PROGRAMMABLE READ-ONLY MEMORY
TMS27C040-10JE TI1-TMS27C040-10JE Datasheet
193Kb / 12P
PROGRAMMABLE READ-ONLY MEMORY
TMS27C040-10JL TI1-TMS27C040-10JL Datasheet
193Kb / 12P
PROGRAMMABLE READ-ONLY MEMORY
TMS27C040-12JE TI1-TMS27C040-12JE Datasheet
193Kb / 12P
PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27C040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com