Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 2 Page - Texas Instruments

  TMS27C040 Datasheet HTML 1Page - Texas Instruments TMS27C040 Datasheet HTML 2Page - Texas Instruments TMS27C040 Datasheet HTML 3Page - Texas Instruments TMS27C040 Datasheet HTML 4Page - Texas Instruments TMS27C040 Datasheet HTML 5Page - Texas Instruments TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
These devices are fabricated using power-saving CMOS technology for high speed and simple interface with
MOS and bipolar circuits. All inputs ( including program data inputs) can be driven by Series 74 TTL circuits
without the use of external pullup resistors. Each output can drive one Series 74 TTL circuit without external
resistors.
The TMS27C020 EPROM is offered in a dual-in-line ceramic package (J suffix) designed for insertion in
mounting hole rows on 15,2-mm (600-mil) centers. The TMS27C020 is also offered with two choices of
temperature ranges of 0
° to 70°C (JL suffix) and – 40°C to 85°C (JE suffix). See Table 1.
The TMS27PC020 is offered in a 32-lead plastic leaded chip carrier using 1,25 mm (50 mil) lead spacing
( FM suffix). The TMS27PC020 is offered with two choices of temperature ranges of 0
°C to 70°C (FML suffix)
and – 40
°C to 85°C (FME suffix). See Table 1.
Table 1. Temperature Range Suffixes
FUNCTION
SUFFIX FOR OPERATING
TEMPERATURE RANGES
0
°C TO 70°C
– 40
°C TO 85°C
TMS27C040-XXX
JL
JE
TMS27PC040-XXX
FML
FME
These EPROMs operate from a single 5-V supply ( in the read mode), they are ideal for use in
microprocessor-based systems. One other (13 V) supply is needed for programming. All programming signals
are TTL level. For programming outside the system, existing EPROM programmers can be used.
operation
The seven modes of operation for the TMS27C020 and TMS27PC020 are listed in Table 2. The read mode
requires a single 5-V supply. All inputs are TTL level except for VPP during programming (13 V), and VH (12 V) on
A9 for the signature mode.
Table 2. Operation Modes
MODE†
FUNCTION
READ
OUTPUT
DISABLE
STANDBY
PROGRAMMING
VERIFY
PROGRAM
INHIBIT
SIGNATURE MODE
E
VIL
VIL
VIH
VIL
VIL
VIH
VIL
G
VIL
VIH
X
VIH
VIL
X
VIL
PGM
X
X
X
VIL
VIH
X
X
VPP
X
VCC
VCC
VPP
VPP
VPP
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
A9
X
X
X
X
X
X
VH‡
VH‡
A0
X
X
X
X
X
X
VIL
VIH
CODE
DQ0 – DQ7
Data Out
Hi-Z
Hi-Z
Data In
Data Out
Hi-Z
MFG
DEVICE
97
32
† X can be VIL or VIH
‡ VH = 12 V ± 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com