Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments TMS27C040 Datasheet HTML 10Page - Texas Instruments TMS27C040 Datasheet HTML 11Page - Texas Instruments TMS27C040 Datasheet HTML 12Page - Texas Instruments TMS27C040 Datasheet HTML 13Page - Texas Instruments TMS27C040 Datasheet HTML 14Page - Texas Instruments TMS27C040 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
J (R-CDIP-T**)
CERAMIC SIDE-BRAZE DUAL-IN-LINE PACKAGE
4040084 / B 04/95
B
C
0.018 (0,46) MIN
0.125 (3,18) MIN
0.022 (0,56)
0.012 (0,30)
0.014 (0,36)
0.008 (0,20)
Seating Plane
A
WIDE
24
A
PINS**
DIM
MAX
MIN
NARR
0.624(15,85) 0.624(15,85)
0.590(14,99) 0.590(14,99)
1.235(31,37) 1.235(31,37)
1.265(32,13) 1.265(32,13)
MIN
MAX
B
C
MAX
MIN
0.541(13,74) 0.598(15,19)
0.514(13,06) 0.571(14,50)
0.514(13,06) 0.571(14,50)
0.541(13,74) 0.598(15,19)
1.668(42,37) 1.668(42,37)
1.632(41,45) 1.632(41,45)
0.590(14,99) 0.590(14,99)
0.624(15,85) 0.624(15,85)
NARR
32
WIDE
0.514(13,06) 0.571(14,50)
0.541(13,74) 0.598(15,19)
1.465(37,21) 1.465(37,21)
1.435(36,45) 1.435(36,45)
0.590(14,99) 0.590(14,99)
0.624(15,85) 0.624(15,85)
NARR
28
WIDE
WIDE
40
NARR
0.624(15,85) 0.624(15,85)
0.590(14,99) 0.590(14,99)
2.032(51,61) 2.032(51,61)
2.068(52,53) 2.068(52,53)
0.541(13,74) 0.598(15,19)
0.514(13,06) 0.571(14,50)
24 PIN SHOWN
1
12
24
13
0.045 (1,14)
0.065 (1,65)
0.090 (2,29)
0.060 (1,53)
Lens Protrusion
0.010 (0,25) MAX
0.175 (4,45)
0.140 (3,56)
0.100 (2,54)
0
°–10°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com