Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS27C040 Datasheet HTML 3Page - Texas Instruments TMS27C040 Datasheet HTML 4Page - Texas Instruments TMS27C040 Datasheet HTML 5Page - Texas Instruments TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments TMS27C040 Datasheet HTML 10Page - Texas Instruments TMS27C040 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC (see Note 1) :
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VPP :
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1), All inputs except A9 :
– 0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
A9 :
– 0.6 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, with respect to VSS (see Note 1) :
– 0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range (’27C020-_ _ JL, ’27PC020_ _FML) :
0
°C to 70°C
. . . . . . . . . . . . . . . . .
Operating free-air temperature range (’27C020-_ _JE, ’27PC020-_ _FME) :
– 40
°C to 85°C
. . . . . . . . . . . . . . .
Storage temperature range, Tstg :
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
Read mode (see Note 2)
4.5
5
5.5
V
VCC
Supply voltage
SNAP! Pulse programming algorithm
6.25
6.5
6.75
V
VPP
Supply voltage
Read mode
VCC – 0.6
VCC
VCC + 0.6
V
VPP
Supply voltage
SNAP! Pulse programming algorithm
12.75
13
13.25
V
VIH
High level dc input voltage
TTL
2
VCC + 0.5
V
VIH
High-level dc input voltage
CMOS
VCC – 0.2
VCC + 0.5
V
VIL
Low level dc input voltage
TTL
– 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
– 0.5
GND + 0.2
V
TA
Operating free-air temperature
’27C020-_ _JL,
’27PC020-_ _FML
0
70
°C
TA
Operating free-air temperature
’27C020-_ _JE,
’27PC020-_ _FME
– 40
85
°C
NOTE 2: VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The device must not be
inserted into or removed from the board when VPP or VCC is applied.
electrical characteristics over full ranges of operating conditions
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High level dc output voltage
IOH = – 20 µA
VCC – 0.2
V
VOH
High-level dc output voltage
IOH = – 2 mA
2.4
V
VOL
Low level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 V to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 V to VCC
±1
µA
IPP1
VPP supply current
VPP = VCC = 5.5 V
10
µA
IPP2
VPP supply current (during program pulse)
VPP = 13 V
50
mA
ICC1
VCC supply current (standby)
TTL-input level
VCC = 5.5 V,
E = VIH
. . .
500
µA
ICC1
VCC supply current (standby)
CMOS-input level
VCC = 5.5 V,
E = VCC ± 0.2 V
100
µA
ICC2
VCC supply current (active)
VCC = 5.5 V,
E = VIL
tcycle = minimum cycle time,
outputs open†
30
mA
† Minimum cycle time = maximum access time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com