Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS27C040 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS27C040
Description  READ-ONLY MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C040 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS27C040 Datasheet HTML 5Page - Texas Instruments TMS27C040 Datasheet HTML 6Page - Texas Instruments TMS27C040 Datasheet HTML 7Page - Texas Instruments TMS27C040 Datasheet HTML 8Page - Texas Instruments TMS27C040 Datasheet HTML 9Page - Texas Instruments TMS27C040 Datasheet HTML 10Page - Texas Instruments TMS27C040 Datasheet HTML 11Page - Texas Instruments TMS27C040 Datasheet HTML 12Page - Texas Instruments TMS27C040 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics for programming: VCC = 6.5 V and VPP = 13 V (SNAP! Pulse), TA = 25°C
(see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Output disable time from G
0
100
ns
ten(G)
Output enable time from G
150
ns
NOTE 3: For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low (See Figure 2).
timing requirements for programming
MIN
TYP
MAX
UNIT
tw(PGM)
Pulse duration, program
SNAP! Pulse programming algorithm
95
100
105
µs
tsu(A)
Setup time, address
2
µs
tsu(E)
Setup time, E
2
µs
tsu(G)
Setup time, G
2
µs
tsu(D)
Setup time, data
2
µs
tsu(VPP)
Setup time, VPP
2
µs
tsu(VCC)
Setup time, VCC
2
µs
th(A)
Hold time, address
0
µs
th(D)
Hold time, data
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com