Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 7Page - SMSC Corporation USB2602 Datasheet HTML 8Page - SMSC Corporation USB2602 Datasheet HTML 9Page - SMSC Corporation USB2602 Datasheet HTML 10Page - SMSC Corporation USB2602 Datasheet HTML 11Page - SMSC Corporation USB2602 Datasheet HTML 12Page - SMSC Corporation USB2602 Datasheet HTML 13Page - SMSC Corporation USB2602 Datasheet HTML 14Page - SMSC Corporation USB2602 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
SMSC USB2601/USB2602
11
Revision 1.3 (05-25-05)
DATASHEET
Notes:
■
RBIAS is connected to the Analog Ground plane VSS via a resistor.
■
When the internal 1.8V regulators are enabled, VDD18 (Pin 86) & VDD18PLL (Pin 124), MUST
have a 10uf +/- 20%, (equivalent series resistance (ESR) <0.1ohm) bypass capacitor to VSS.
These capacitors must be as close to the pins as possible.
13
USBDN_
DP4
-
45
SM_nWP
8
77
CF_D0
8
109
VSS
-
14
VDDA33
-
46
SM_D0
8
78
CF_D1
8
110
USBUP_D
M
-
15
VDD33
-
47
SM_D1
8
79
CF_D8
8
111
USBUP_D
P
-
16
GR2
8
48
SM_D7
8
80
CF_D2
8
112
VDDA33
-
17
GR3
8
49
SM_D2
8
81
CF_D9
8
113
USBDN_D
P2
-
18
GR4
-
50
SM_D6
8
82
CF_D10
8
114
USBDN_D
M2
-
19
GPIO6
8
51
SM_D3
8
83
CF_nCD2
-
115
VSS
-
20
MS_BS
8
52
SM_D5
8
84
VSS
-
116
VBUS_
DET
12
21
MS_D1
8
53
SM_D4
8
85
VSS
-
117
VSS
-
22
MS_SDIO
/MS_D0
8
54
SM_nCD
-
86
VDD18
-
118
RESET_N
-
23
MS_D2
8
55
GPIO9
8
87
VDD33
-
119
VDD18
-
24
MS_INS
-
56
CF_nCD1
-
88
GPIO1
8
120
TEST
-
25
MS_D3
8
57
CF_D3
8
89
GPIO2
8
121
VSS
-
26
MS_
SCLK
8
58
CF_D11
8
90
GPIO7
8
122
XTAL2
-
27
SEL_CLK
DRV
-
59
CF_D4
8
91
VDD33
-
123
XTAL1/
CLKIN
-
28
CLK_SEL
1
-
60CF_D128
92
GPIO8/
CRD_PWR0
-
124
VDD18PLL
-
29
CLK_SEL
0
-
61
CF_D5
8
93
GPIO12
8
125
VDD33PLL
-
30
NC
-
62
CF_D13
8
94
GPIO13
8
126
ATEST
-
31
NC
-
63
CF_D6
8
95
GPIO14
8
127
RBIAS
-
32
NC
-
64
CF_D14
8
96
GPIO15
8
128
VSS
-
Table 3.2 USB2601/USB2602 128-Pin TQFP (continued)
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com