Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 18Page - SMSC Corporation USB2602 Datasheet HTML 19Page - SMSC Corporation USB2602 Datasheet HTML 20Page - SMSC Corporation USB2602 Datasheet HTML 21Page - SMSC Corporation USB2602 Datasheet HTML 22Page - SMSC Corporation USB2602 Datasheet HTML 23Page - SMSC Corporation USB2602 Datasheet HTML 24Page - SMSC Corporation USB2602 Datasheet HTML 25Page - SMSC Corporation USB2602 Datasheet HTML 26Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
Revision 1.3 (05-25-05)
26
SMSC USB2601/USB2602
DATASHEET
Chapter 9 GPIO Usage
Table 9.1 GPIO Usage (ROM Rev -01)
NAME
ACTIVE
LEVEL
SYMBOL
DESCRIPTION AND NOTE
GPIO1
H
Flash Media Activity LED/
xD_Door
Indicates media activity. Media or USB
cable must not be removed with LED lit.
Also may be used for xD Door
functionality
GPIO2
H
EE_CS
Serial EE PROM chip select
GPIO3
H
V_BUS
USB V bus detect
GPIO4
H
EE_DIN/EE_DOUT/xDID
Serial EE PROM input/output and xD
Identify
GPIO5
H
HS_IND/SD_CD
HS Indicator LED or SD Card Detect
Switch input
GPIO6
H
A16/ROMEN
A16 address line connect for DFU or
debug LED indicator optional.
GPIO7
H
EE_CLK/
UNCONF_LED
Serial EE PROM clock output or
Unconfigured LED.
GPIO8
L
MS_PWR_CTRL/
CRD_PWR0
Memory Stick Card Power Control, or
Internal Power FET0.
GPIO9
L
CF_PWR_CTRL
CompactFlash Card Power Control
GPIO10
L
SM_PWR_CTRL/
CRD_PWR1
SmartMedia Card Power Control, or
Internal Power FET1.
GPIO11
L
SD/MMC_PWR_CTRL/
CRD_PWR2
SD/MMC Card Power Control, or
Internal Power FET2.
GPIO12
H
MS_ACT_IND/
Media Activity
Memory Stick Activity Indicator, or
Media Activity LED.
GPIO13
H
CF_ACT_IND
CompactFlash Activity Indicator
GPIO14
H
SM_ACT_IND
SmartMedia Activity Indicator
GPIO15
H
SD/MMC_ACT_IND
SD/MMC Activity Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com