Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 12Page - SMSC Corporation USB2602 Datasheet HTML 13Page - SMSC Corporation USB2602 Datasheet HTML 14Page - SMSC Corporation USB2602 Datasheet HTML 15Page - SMSC Corporation USB2602 Datasheet HTML 16Page - SMSC Corporation USB2602 Datasheet HTML 17Page - SMSC Corporation USB2602 Datasheet HTML 18Page - SMSC Corporation USB2602 Datasheet HTML 19Page - SMSC Corporation USB2602 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
Revision 1.3 (05-25-05)
16
SMSC USB2601/USB2602
DATASHEET
CF
IO Read
CF_nIOR
O8
This pin is an active low read strobe signal for CF
device.
CF
IO Write Strobe
CF_nIOW
O8
This pin is an active low write strobe signal for CF
device.
SmartMedia INTERFACE
SM
Write Protect
SM_nWP
O8PD
This pin is an active low write protect signal for the SM
device.
This pin has a weak pull-down resistor that is
permanently enabled
SM
Address Strobe
SM_ALE
O8PD
This pin is an active high Address Latch Enable signal
for the SM device.
This pin has a weak pull-down resistor that is
permanently enabled
SM
Command Strobe
SM_CLE
O8PD
This pin is an active high Command Latch Enable signal
for the SM device.
This pin has a weak pull-down resistor that is
permanently enabled
SM
Data7-0
SM_D[7:0]
I/O8PD
These pins are the bi-directional data signal SM_D7-
SM_D0.
The bi-directional data signal has an internal weak pull-
down resistor.
SM
Read Enable
SM_nRE
08PU
This pin is an active low read strobe signal for SM
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET.
08
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external pull-
ups must be used, and should be connected to the
applicable Card Power Supply).
SM
Write Enable
SM_nWE
O8PU
This pin is an active low write strobe signal for SM
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET.
08
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external pull-
ups must be used, and should be connected to the
applicable Card Power Supply).
SM
Write Protect Switch
SM_nWPS
IPU
A write-protect seal is detected, when this pin is low.
This pin has an internally controlled weak pull-up
resistor.
SM
Busy or Data Ready
SM_nB/R
I
This pin is connected to the BSY/RDY pin of the SM
device.
An external pull-up resistor is required on this signal.
The pull-up resistor must be pulled up to the same
power source that powers the SM/NAND flash device.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com